Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU9102 Datasheet (PDF) - New Japan Radio

NJU9102 Datasheet PDF - New Japan Radio
Part # NJU9102
Download  NJU9102 Download
File Size   523.52 Kbytes
Page   22 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Digital Earth Leakage Current Detector IC

NJU9102 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU9102 Datasheet PDF - New Japan Radio

Part # NJU9102
Download  NJU9102 Click to download

File Size   523.52 Kbytes
Page   22 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Digital Earth Leakage Current Detector IC

NJU9102 Datasheet (HTML) - New Japan Radio


NJU9102 Product details

■FEATURES
●Power Supply VDD 4.0V to 5.5V
●Operating Temperature -40℃ to 105℃
●Built-in High Precision ADC 14-Bit
●Sinc3 Digital Filter -3dB Frequency = 150Hz
●Internal Power Supply VREG=3.3V
VCOM=1.65V
●Earth Leakage Detector Condition (TMD)
Type A / Type AC switchable
●Five times trip level detection
NJU9102: Immediate response
NJU9102A: No immediate response
●Control Circuit
Earth Leakage Detector Condition (TMD)
Sampling Counter (SCRT)
●Package DMP8

■GENERAL DESCRIPTION
NJU9102/A is a digital detector IC for earth leakage
current breaker.
The built-in ADC converts from an analog signal from
ZCT (Zero-phase-sequence Current Transformer) to
digital data, and processes digital data based on an
earth leakage current detector condition. As a result of
data processing, NJU9102/A outputs a one-shot pulse
on SCRT terminal when an analog signal is judged to a
leakage condition, and turns on an external thyristor.




Similar Part No. - NJU9102

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU9102 NISSHINBO-NJU9102 Datasheet
1Mb / 23P
Digital Earth Leakage Current Detector IC Ground Fault Current Detect IC
Ver.3.4
NJU9102/AM NISSHINBO-NJU9102/AM Datasheet
1Mb / 23P
Digital Earth Leakage Current Detector IC Ground Fault Current Detect IC
Ver.3.4
NJU9102A NISSHINBO-NJU9102A Datasheet
1Mb / 23P
Digital Earth Leakage Current Detector IC Ground Fault Current Detect IC
Ver.3.4
More results


Similar Description - NJU9102

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
Earth Leakage Current Detector
logo
Rohm
BD9582F-E ROHM-BD9582F-E Datasheet
582Kb / 14P
EARTH LEAKAGE CURRENT DETECTOR IC
BD9582F-M-E ROHM-BD9582F-M-E Datasheet
552Kb / 14P
Automotive EARTH LEAKAGE CURRENT DETECTOR IC
BD9584F-E ROHM-BD9584F-E Datasheet
574Kb / 14P
EARTH LEAKAGE CURRENT DETECTOR IC
BD54123F-E ROHM-BD54123F-E Datasheet
555Kb / 14P
EARTH LEAKAGE CURRENT DETECTOR IC
logo
Unisonic Technologies
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
logo
Rohm
BD9582F-M ROHM-BD9582F-M Datasheet
610Kb / 14P
Automotive EARTH LEAKAGE CURRENT DETECTOR IC
logo
Unisonic Technologies
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com