Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC146010 Datasheet (PDF) - Freescale Semiconductor, Inc

MC146010 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC146010
Download  MC146010 Download
File Size   1421.57 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC

MC146010 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC146010 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC146010
Download  MC146010 Click to download

File Size   1421.57 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC

MC146010 Datasheet (HTML) - Freescale Semiconductor, Inc


MC146010 Product details

The MC146010 is an advanced smoke detector component containing sophisticated very-low power analog and digital circuitry. The IC, when used with an infrared photoelectric chamber and a small number of external components, will detect smoke by sensing scattered light from smoke particles. When detection occurs, a pulsating alarm is sounded via on-chip push-pull drivers and an external piezoelectric transducer.



Features

• Integrated Mute Function (IMF) to Temporarily Disable Horn

• Alarm Memory to Help Identify Alarming Unit

• Speed-Up Sampling Rate After First Detection of Smoke

• Double Sample for Degraded Chamber Sensitivity Monitor

• Digital Noise Filter on the I/O Pin

• Power-Up and Power-Down RESET

• Low-Battery Trip Point Set Externally

• Temporal Horn Pattern

• Operating Temperature: -10 to 75°C

• Operating Voltage Range: 6.0 to 12 V

• Average Supply Current: 6.5 µA




Similar Part No. - MC146010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC146010 FREESCALE-MC146010 Datasheet
390Kb / 18P
Low Power CMOS Photoelectric Smoke Detector IC
MC146010ED FREESCALE-MC146010ED Datasheet
390Kb / 18P
Low Power CMOS Photoelectric Smoke Detector IC
MC146010 FREESCALE-MC146010_07 Datasheet
390Kb / 18P
Low Power CMOS Photoelectric Smoke Detector IC
More results


Similar Description - MC146010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
Low-Power CMOS Ionization Smoke Detector IC
MC146012 FREESCALE-MC146012 Datasheet
1Mb / 18P
LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR IC
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC146010 FREESCALE-MC146010_07 Datasheet
390Kb / 18P
Low Power CMOS Photoelectric Smoke Detector IC
MC146012 FREESCALE-MC146012_07 Datasheet
356Kb / 18P
Low Power CMOS Photoelectric Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
Low-Power CMOS Ionization Smoke Detector IC
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
Photoelectric smoke detector
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com