Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP134 Datasheet (PDF) - Sumida Corporation

CDEP134 Datasheet PDF - Sumida Corporation
Part # CDEP134
Download  CDEP134 Download
File Size   249.47 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description POWER INDUCTORS (SMD Type)

CDEP134 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDEP134 Datasheet PDF - Sumida Corporation

Part # CDEP134
Download  CDEP134 Click to download

File Size   249.47 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description POWER INDUCTORS (SMD Type)

CDEP134 Datasheet (HTML) - Sumida Corporation


CDEP134 Product details

◆ Product Description
 • 13.9× 13.9mm Max.(L× W),4.9mm Max. Height.
 • Both standard type and High power type of CDEP134 and CDEP134C respectively are available.
 • Inductance range: 0.3~8.0μ H for 2 types
 • Saturation Current range: 7.2~ 32.0A(Standard type ) ;9.6~ 35.0A (High Power type).
 • Temperature rise current range: 6.5~18.5A
 • In addition to the standards versions shown here, custom inductors are also available to meet your exact requirements.

◆ Feature
 • Super high current inductors, Low DCR.
 • Mn-Zn core used, Flat wire used.
 • Ideally used in Notebook PC CPU power supply.
 • RoHS Compliance




Similar Part No. - CDEP134

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP134 SUMIDA-CDEP134 Datasheet
113Kb / 2P
POWER INDUCTORS
CDEP134 SUMIDA-CDEP134 Datasheet
181Kb / 3P
POWER INDUCTORS
CDEP134-0R3MB SUMIDA-CDEP134-0R3MB Datasheet
113Kb / 2P
POWER INDUCTORS
CDEP134-0R3MB-H SUMIDA-CDEP134-0R3MB-H Datasheet
113Kb / 2P
POWER INDUCTORS
CDEP134-0R3MC SUMIDA-CDEP134-0R3MC Datasheet
113Kb / 2P
POWER INDUCTORS
More results


Similar Description - CDEP134

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP145 SUMIDA-CDEP145 Datasheet
113Kb / 2P
POWER INDUCTORS
CDEP147 SUMIDA-CDEP147 Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
POWER INDUCTORS (SMD Type)
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
POWER INDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com