Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CG5145LS Datasheet (PDF) - Littelfuse

CG5145LS Datasheet PDF - Littelfuse
Part # CG5145LS
Download  CG5145LS Download
File Size   938.25 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Gas Discharge Tubes CG5 and SL0902A Series

CG5145LS Datasheet (PDF)

Go To PDF Page Download Datasheet
CG5145LS Datasheet PDF - Littelfuse

Part # CG5145LS
Download  CG5145LS Click to download

File Size   938.25 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Gas Discharge Tubes CG5 and SL0902A Series

CG5145LS Datasheet (HTML) - Littelfuse


CG5145LS Product details

Description
Littelfuse Broadband Optimized™ SL0902A Series offers
high surge ratings in a miniature package. Special design
features provide high levels of protection against fast
rising transients in the 100V/μs to 1kV/μs range usually
caused by lightning disturbances. Low insertion loss is
perfectly suited to broadband equipment applications.
The capacitance does not vary with voltage, and will
not cause operational problems with ADSL2+, where
capacitance variation across Tip and Ring is undesirable.
These devices are extremely robust and are able to
divert a 2500A pulse without destruction. For AC
Power Cross of long duration, overcurrent protection is
recommended.
Littelfuse CG5 MS mini surge arresters are specifically
designed for protection of electrical and communication
equipment against over voltage transients in surface
mount assembly applications. This series offers the
most cutting edge protection using non-radioactive
elements.

Features
• RoHS compliant and
Lead-free
• GHz working
frequency
• Excellent stability on
multiple pulse duty
cycle
• Excellent response to
fast rising transients.
• Ultra Low Insertion
Loss
• 5KA surge capability
tested with 8/20μS
pulse as defined by
IEC 61000-4-5, 2nd
edition
• Ultra small devices
offered in a variety of
mounting lead forms
• Non-Radioactive
• Low capacitance
(<1pF)
• Voltage Ranges 90V to
600V
• UL Recognized
• Conforms to ITU-T
K12, IEC 61000-4-5,
2nd edition

Applications
• Communication
equipment
• CATV equipment
• Test equipment
• Data lines
• Power supplies
• Telecom SLIC
protection
• Broadband equipment
• ADSL equipment,
including ADSL2+
• XDSL equipment
• Satellite and CATV
equipment
• General telecom
equipment




Similar Part No. - CG5145LS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG5145 LITTELFUSE-CG5145 Datasheet
1Mb / 5P
Gas Discharge Tube (GDT) Products
More results


Similar Description - CG5145LS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
Gas Discharge Tubes
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
Gas Discharge Tubes
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
GAS DISCHARGE TUBES
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
GAS DISCHARGE TUBES
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com