Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1721067 Datasheet (PDF) - PHOENIX CONTACT

1721067 Datasheet PDF - PHOENIX CONTACT
Part # 1721067
Download  1721067 Download
File Size   335.62 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PC 5/ 7-GFU-7,62

1721067 Datasheet (PDF)

Go To PDF Page Download Datasheet
1721067 Datasheet PDF - PHOENIX CONTACT

Part # 1721067
Download  1721067 Click to download

File Size   335.62 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PC 5/ 7-GFU-7,62

1721067 Datasheet (HTML) - PHOENIX CONTACT


1721067 Product details

PCB headers, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 630 V, contact surface: Tin, type of contact: Male connector, number of potentials: 7,
number of rows: 1, number of positions: 7, number of connections: 7, product range: PC 5/..-
GFU, pitch: 7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 4.2
mm, number of solder pins per potential: 3, plug-in system: COMBICON PC 5, Pin connector
pattern alignment: reversed, locking: Screw locking, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1721067

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1721001-03 QUALTEK-1721001-03 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721003-03 QUALTEK-1721003-03 Datasheet
510Kb / 1P
HDMI/M - DVI (181)P/M
1721005-06 QUALTEK-1721005-06 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721007-06 QUALTEK-1721007-06 Datasheet
462Kb / 1P
HDMI/M - DVI (181)P/M
logo
PHOENIX CONTACT
1721009 PHOENIX-1721009 Datasheet
139Kb / 8P
Printed-circuit board connector - PCV 5/12-GF-7,62
09/11/2020
More results


Similar Description - 1721067

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1727964 PHOENIX-1727964 Datasheet
76Kb / 3P
Printed-circuit board connector - DFK-PC 5/ 7-GFU-7,62
1708763 PHOENIX-1708763 Datasheet
80Kb / 4P
Base strip - IPC 5/ 7-GFU-7,62
1720738 PHOENIX-1720738 Datasheet
87Kb / 4P
Header - PC 5/ 7-GU-7,62
1721012 PHOENIX-1721012 Datasheet
86Kb / 4P
Electronic housing - PC 5/ 2-GFU-7,62
1721041 PHOENIX-1721041 Datasheet
74Kb / 4P
Electronic housing - PC 5/ 5-GFU-7,62
1721054 PHOENIX-1721054 Datasheet
86Kb / 4P
Electronic housing - PC 5/ 6-GFU-7,62
1721070 PHOENIX-1721070 Datasheet
86Kb / 4P
Electronic housing - PC 5/ 8-GFU-7,62
1721096 PHOENIX-1721096 Datasheet
86Kb / 4P
Electronic housing - PC 5/10-GFU-7,62
1721119 PHOENIX-1721119 Datasheet
86Kb / 4P
Electronic housing - PC 5/12-GFU-7,62
1721038 PHOENIX-1721038 Datasheet
336Kb / 11P
PCB header - PC 5/ 4-GFU-7,62
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com