Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1752214 Datasheet (PDF) - PHOENIX CONTACT

1752214 Datasheet PDF - PHOENIX CONTACT
Part # 1752214
Download  1752214 Download
File Size   444.05 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPTA 1/ 2-5,0

1752214 Datasheet (PDF)

Go To PDF Page Download Datasheet
1752214 Datasheet PDF - PHOENIX CONTACT

Part # 1752214
Download  1752214 Click to download

File Size   444.05 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPTA 1/ 2-5,0

1752214 Datasheet (HTML) - PHOENIX CONTACT


1752214 Product details

PCB terminal block, nominal current: 9 A, rated voltage (III/2): 320 V, nominal cross section: 1
mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2, product range:
SPTA 1/, pitch: 5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 65 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Angled connection enables multi-row arrangement on the PCB
• Quick and convenient testing using integrated test option




Similar Part No. - 1752214

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
175221-1 TEC-175221-1 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
logo
PHOENIX CONTACT
1752218 PHOENIX-1752218 Datasheet
114Kb / 3P
MSTB 2,5/ 3-ST-5,08 AU
More results


Similar Description - 1752214

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752230 PHOENIX-1752230 Datasheet
119Kb / 5P
PCB terminal block - SPTA 1/ 4-5,0
1752269 PHOENIX-1752269 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/ 7-5,0
1752272 PHOENIX-1752272 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/ 8-5,0
1752285 PHOENIX-1752285 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/ 9-5,0
1752308 PHOENIX-1752308 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/11-5,0
1752311 PHOENIX-1752311 Datasheet
119Kb / 5P
PCB terminal block - SPTA 1/12-5,0
1752256 PHOENIX-1752256 Datasheet
441Kb / 11P
PCB terminal block - SPTA 1/ 6-5,0
Jan 3, 2023
1752227 PHOENIX-1752227 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 3-5,0
1752243 PHOENIX-1752243 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 5-5,0
1752298 PHOENIX-1752298 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/10-5,0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com