Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273774 Datasheet (PDF) - PHOENIX CONTACT

3273774 Datasheet PDF - PHOENIX CONTACT
Part # 3273774
Download  3273774 Download
File Size   484.25 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/18X4-NS35A YE

3273774 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273774 Datasheet PDF - PHOENIX CONTACT

Part # 3273774
Download  3273774 Click to download

File Size   484.25 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/18X4-NS35A YE

3273774 Datasheet (HTML) - PHOENIX CONTACT


3273774 Product details

Distribution block, nom. voltage: 800 V, nominal current: 32 A, connection method: Push-in
connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection, Line contact,
Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS
35/15, color: yellow

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273774

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273770 PHOENIX-3273770 Datasheet
128Kb / 11P
Distribution block - PTFIX 10/18X4-NS35A BU
10/28/2020
3273772 PHOENIX-3273772 Datasheet
484Kb / 20P
Distribution block - PTFIX 10/18X4-NS35A RD
Jun 13, 2022
3273776 PHOENIX-3273776 Datasheet
485Kb / 20P
Distribution block - PTFIX 10/18X4-NS35A GN
Jun 22, 2022
3273778 PHOENIX-3273778 Datasheet
481Kb / 19P
Distribution block - PTFIX 10/18X4-NS35A BN
Jul 20, 2022
More results


Similar Description - 3273774

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273708 PHOENIX-3273708 Datasheet
70Kb / 4P
Distribution block - PTFIX 18X4-NS35A YE
3273840 PHOENIX-3273840 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4 YE
3273770 PHOENIX-3273770 Datasheet
128Kb / 11P
Distribution block - PTFIX 10/18X4-NS35A BU
10/28/2020
3273768 PHOENIX-3273768 Datasheet
128Kb / 11P
Distribution block - PTFIX 10/18X4-NS35A GY
09/12/2020
3273772 PHOENIX-3273772 Datasheet
484Kb / 20P
Distribution block - PTFIX 10/18X4-NS35A RD
Jun 13, 2022
3273780 PHOENIX-3273780 Datasheet
484Kb / 20P
Distribution block - PTFIX 10/18X4-NS35A WH
Jun 16, 2022
3273906 PHOENIX-3273906 Datasheet
555Kb / 22P
Distribution block - PTFIX 10/18X4 YE
Jun 23, 2022
3273778 PHOENIX-3273778 Datasheet
481Kb / 19P
Distribution block - PTFIX 10/18X4-NS35A BN
Jul 20, 2022
3273784 PHOENIX-3273784 Datasheet
483Kb / 19P
Distribution block - PTFIX 10/18X4-NS35A VT
Nov 30, 2022
3273785 PHOENIX-3273785 Datasheet
481Kb / 19P
Distribution block - PTFIX 10/18X4-NS35A PK
Jul 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com