Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1279 Datasheet (PDF) - Alpha Wire

1279 Datasheet PDF - Alpha Wire
Part # 1279
Download  1279 Download
File Size   97.8 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1279 Datasheet (PDF)

Go To PDF Page Download Datasheet
1279 Datasheet PDF - Alpha Wire

Part # 1279
Download  1279 Click to download

File Size   97.8 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1279 Datasheet (HTML) - Alpha Wire


1279 Product details

Construction
Diameters (In)
1) Component 1 9 X 1 COND
a) Conductor 14 (19/.0147) AWG Tinned Copper 0.071
b) Insulation 0.047" Wall, Nom. PVC 0.165
(1) Color Code Alpha Wire Color Code F
Cond Color Cond Color Cond Color
1 BLACK 4 GREEN 7 WHITE/BLACK
2 WHITE 5 ORANGE 8 RED/BLACK
3 RED 6 BLUE 9 GREEN/BLACK
2) Cable Assembly 9 Components Cabled
a) Twists: 1.3 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 20% Overlap, Min.
3) Jacket 0.065" Wall, Nom.,PVC 0.733 (0.761 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1279
RU AWM 2463 VW-1 80C 600V CE ROHS
* = Factory Code




Similar Part No. - 1279

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1279 ALPHAWIRE-1279 Datasheet
99Kb / 4P
Customer Specification
8/30/2022
logo
Ashcroft, Inc.
1279 ASHCROFT-1279 Datasheet
1Mb / 4P
1279 Duragauge® Pressure Gauge
RevP_08-08-24
logo
CEE Norm UK Ltd
1279 CEENORM-1279 Datasheet
1Mb / 4P
Socket Outlets
logo
Atom Lighting
12790 ATOM-12790 Datasheet
89Kb / 3P
AT9045 /6 /7 /8 TRI
20th of January 2025 17:03:18
logo
Belden Inc.
127903A BELDEN-127903A Datasheet
243Kb / 3P
DataTuff짰 5e, 4Pr #22 Sol BC, PO Ins, OS, PVC Jkt, AIA Armor, PVC Jkt, PLTC CMR
More results


Similar Description - 1279

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com