Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

350012C Datasheet (PDF) - Alpha Wire

350012C Datasheet PDF - Alpha Wire
Part # 350012C
Download  350012C Download
File Size   99.57 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

350012C Datasheet (PDF)

Go To PDF Page Download Datasheet
350012C Datasheet PDF - Alpha Wire

Part # 350012C
Download  350012C Click to download

File Size   99.57 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

350012C Datasheet (HTML) - Alpha Wire


350012C Product details

Construction
Diameters (In)
1) Component 1 12 X 1 PAIR
a) Conductor 28 (7/36) AWG Tinned Copper 0.015
b) Insulation
0.013" Wall, Nom. Polypropylene,
Foam
0.041
(1) Color Code Alpha Wire Color Code M
Pair Color Pair Color Pair Color
1
BLUE/WHITE -
WHITE/BLUE
5
SLATE/WHITE -
WHITE/SLATE
9
BROWN/RED -
RED/BROWN
2
ORANGE/WHITE
-
WHITE/ORANGE
6
BLUE/RED -
RED/BLUE
10
SLATE/RED -
RED/SLATE
3
GREEN/WHITE -
WHITE/GREEN
7
ORANGE/RED -
RED/ORANGE
11
BLUE/BLACK -
BLACK/BLUE
4
BROWN/WHITE
- WHITE/BROWN
8
GREEN/RED -
RED/GREEN
12
ORANGE/BLACK
-
BLACK/ORANGE
c) Pair 2/Cond Cabled Together
(1) Twists: 12.0 Twists/foot (min)
2) Component 2 1 X 1 COND
a) Conductor 28 (7/36) AWG Tinned Copper 0.015
b) Insulation
0.013" Wall, Nom. Polypropylene,
Foam
0.041
(1) Color(s)
Cond Color Cond Color Cond Color
1 GREEN/BLACK
3) Cable Assembly 13 Components Cabled
a) Twists: 3.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
4) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing Out
b) Drain Wire 28 (7/36) AWG Tinned Copper
c) Braid Tinned Copper,65% Coverage, Min.
5) Jacket 0.035" Wall, Nom.,PVC 0.381 (0.402 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 3500/12C 12PR/1C 28 AWG
SHIELDED 75C (UL) C(UL) TYPE CMG OR AWM 2919
LOW VOLTAGE COMPUTER CABLE FT4
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 350012C

ManufacturerPart #DatasheetDescription
logo
Lumberg
350012 LUMBERG-350012 Datasheet
92Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
350012 LUMBERG-350012 Datasheet
368Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Similar Description - 350012C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com