Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

121702A Datasheet (PDF) - Belden Inc.

121702A Datasheet PDF - Belden Inc.
Part # 121702A
Download  121702A Download
File Size   200.35 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CAT5e Horizontal Bonded-Pair, 2x4pr, UTP, PVC Jkt, CMR, Siamese

121702A Datasheet (PDF)

Go To PDF Page Download Datasheet
121702A Datasheet PDF - Belden Inc.

Part # 121702A
Download  121702A Click to download

File Size   200.35 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CAT5e Horizontal Bonded-Pair, 2x4pr, UTP, PVC Jkt, CMR, Siamese

121702A Datasheet (HTML) - Belden Inc.


121702A Product details

Product Description
CAT5e+ (350MHz), Siamese 2X4-Bonded-pairs, U/UTP-unshielded, Riser-CMR, Premise Horizontal cable, 24 AWG solid bare copper conductors, polyolefin
insulation, ripcord, PVC jacket




Similar Part No. - 121702A

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
121702 ADELS-121702 Datasheet
117Kb / 2P
230 K/ 2 DS
logo
SICK AG
1217022 SICK-1217022 Datasheet
869Kb / 9P
MEASURING AUTOMATION LIGHT GRIDS
1217023 SICK-1217023 Datasheet
566Kb / 9P
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09
1217024 SICK-1217024 Datasheet
567Kb / 9P
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09
More results


Similar Description - 121702A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1594A ETC2-1594A Datasheet
109Kb / 4P
CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
1212F ETC2-1212F Datasheet
109Kb / 3P
CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
logo
Belden Inc.
10GX62F BELDEN-10GX62F Datasheet
266Kb / 4P
CAT6A 10GX Bonded-Pair, 4pr, F/UTP, PVC Jkt, CMR
10GX63F BELDEN-10GX63F Datasheet
265Kb / 4P
CAT6A 10GX Bonded-Pair, 4pr, F/UTP, LS-PVC Jkt, CMP
10GXS12 BELDEN-10GXS12 Datasheet
261Kb / 4P
CAT6A 10GX Small Diameter, 4pr, UTP, PVC Jkt, CMR
1232A1 BELDEN-1232A1 Datasheet
177Kb / 3P
CAT3 Horizontal, 25pr, UTP, PVC Jkt, CMR
2022 Belden, Inc
DIW6 BELDEN-DIW6 Datasheet
166Kb / 3P
CAT3 Backbone, 6pr, UTP, PVC Jkt, CMR
2022 Belden, Inc
1224 BELDEN-1224 Datasheet
176Kb / 3P
CAT5e Horizontal, 4pr, UTP, LSZH Jkt
2022 Belden, Inc
1583ANH BELDEN-1583ANH Datasheet
179Kb / 3P
CAT5e Horizontal, 4pr, UTP, PVC Jkt
2022 Belden, Inc
1701LC BELDEN-1701LC Datasheet
177Kb / 3P
CAT5e Horizontal Bonded-Pair, 4pr, UTP, FEP Jkt, CMP-LC
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com