Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPB52L1F Datasheet (PDF) - Belden Inc.

BPB52L1F Datasheet PDF - Belden Inc.
Part # BPB52L1F
Download  BPB52L1F Download
File Size   147.1 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CAT5 100Ω 4x22AWG Profinet Type B fire resistant cable

BPB52L1F Datasheet (PDF)

Go To PDF Page Download Datasheet
BPB52L1F Datasheet PDF - Belden Inc.

Part # BPB52L1F
Download  BPB52L1F Click to download

File Size   147.1 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CAT5 100Ω 4x22AWG Profinet Type B fire resistant cable

BPB52L1F Datasheet (HTML) - Belden Inc.


BPB52L1F Product details

Product Description
CAT5 100Ω 4x22AWG Profinet Type B fire resistant cable, IEC 60332-23, EN 50200, EN50289-4-16, 80C, 300V, ROHS




Similar Part No. - BPB52L1F

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
BPB01 SWITCH-BPB01 Datasheet
212Kb / 1P
BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
BPB01AU SWITCH-BPB01AU Datasheet
212Kb / 1P
BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
BPB02 SWITCH-BPB02 Datasheet
212Kb / 1P
BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
BPB02AU SWITCH-BPB02AU Datasheet
212Kb / 1P
BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
BPB03 SWITCH-BPB03 Datasheet
212Kb / 1P
BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
More results


Similar Description - BPB52L1F

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0472 GENERAL-C0472 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0486 GENERAL-C0486 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0492 GENERAL-C0492 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
logo
3M Electronics
EC-4419 3M-EC-4419 Datasheet
38Kb / 4P
3M Scotch-GripTM Fire Resistant Rubber Based Adhesive
logo
TE Connectivity Ltd
TTDS-263 TEC-TTDS-263 Datasheet
3Mb / 4P
ZHD-SCE LOW FIRE HAZARD DIESEL RESISTANT
logo
Belden Inc.
70007E BELDEN-70007E Datasheet
152Kb / 2P
DataTuff® 5E, 1Q #22 Str TC, PO ins, F/B, PVC jkt, PROFINET Type B
2022 Belden, Inc
NH50105SF BELDEN-NH50105SF Datasheet
142Kb / 2P
DataTuff™ Industrial Ethernet CAT5e 4X2X23AWG/1 S/FTP Fire Resistant
2022 Belden, Inc
logo
Huber+Suhner, Inc.
04-___CWJSNHIH-__ HUBERSUHNER-04-___CWJSNHIH-___20 Datasheet
375Kb / 3P
Breakout Fire Resistant 4 x 2.0mm LSFH Ø 10.0mm
08-___CWJSNHIH-__ HUBERSUHNER-08-___CWJSNHIH-___20 Datasheet
407Kb / 3P
Breakout Fire Resistant 8 x 2.0mm LSFH Ø 12.0mm
12-___CWJSNHIH-__ HUBERSUHNER-12-___CWJSNHIH-___20 Datasheet
470Kb / 3P
Breakout Fire Resistant 12 x 2.0mm LSFH Ø 15.0mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com