Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOSP6AF Datasheet (PDF) - Belden Inc.

DOSP6AF Datasheet PDF - Belden Inc.
Part # DOSP6AF
Download  DOSP6AF Download
File Size   158.17 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 6A OSP Cable, 4 Pair, F/UTP, Gel Free

DOSP6AF Datasheet (PDF)

Go To PDF Page Download Datasheet
DOSP6AF Datasheet PDF - Belden Inc.

Part # DOSP6AF
Download  DOSP6AF Click to download

File Size   158.17 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 6A OSP Cable, 4 Pair, F/UTP, Gel Free

DOSP6AF Datasheet (HTML) - Belden Inc.


DOSP6AF Product details

Product Description
Category 6A Premise Horizontal Cable, OSP Rated, 4 Pair, 23 AWG Solid Bare Copper Conductors, F/UTP - Foil Shielded, Gel Free




Similar Part No. - DOSP6AF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
DOSP6AU BELDEN-DOSP6AU Datasheet
158Kb / 2P
Category 6A OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
DOSP6AU0101000 BELDEN-DOSP6AU0101000 Datasheet
158Kb / 2P
Category 6A OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
More results


Similar Description - DOSP6AF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7997A BELDEN-7997A Datasheet
164Kb / 2P
Category 5e OSP Cable, 4 Pair, U/UTP, Burial, Gel Filled
2022 Belden, Inc
2141A BELDEN-2141A Datasheet
156Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
DOSP6AU BELDEN-DOSP6AU Datasheet
158Kb / 2P
Category 6A OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
DOSP6F BELDEN-DOSP6F Datasheet
158Kb / 3P
Category 6 OSP Cable, 4 Pair, F/UTP, Gel Free
2022 Belden, Inc
DOSP6U BELDEN-DOSP6U Datasheet
158Kb / 2P
Category 6 OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
IOP6AF BELDEN-IOP6AF Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6AU BELDEN-IOP6AU Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
M57622 BELDEN-M57622 Datasheet
235Kb / 2P
Mohawk Category 6 OSP Cable, 4 Pair, U/UTP, Gel-filled
2022 Belden, Inc
OSP6AF BELDEN-OSP6AF Datasheet
163Kb / 3P
Category 6A OSP Cable, 4 Pair, F/UTP, Gel Filled
2022 Belden, Inc
OSP6U BELDEN-OSP6U Datasheet
162Kb / 3P
Category 6 OSP Cable, 4 Pair, U/UTP, Gel Filled
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com