Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRP-CSS-UNO137 Datasheet (PDF) - Advantech Co., Ltd.

ESRP-CSS-UNO137 Datasheet PDF - Advantech Co., Ltd.
Part # ESRP-CSS-UNO137
Download  ESRP-CSS-UNO137 Download
File Size   670.57 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Compact DIN-Rail Controller with Intel® Atom® E3940 CPU, 2 x LAN, 2 x COM, 3 x USB 3.0, 1 x USB 2.0, 2 x DP 1.2, 8 x DI, 8 x DO, 1 x M.2, 1 x mPCIe, and TPM 2.0

ESRP-CSS-UNO137 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESRP-CSS-UNO137 Datasheet PDF - Advantech Co., Ltd.

Part # ESRP-CSS-UNO137
Download  ESRP-CSS-UNO137 Click to download

File Size   670.57 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Compact DIN-Rail Controller with Intel® Atom® E3940 CPU, 2 x LAN, 2 x COM, 3 x USB 3.0, 1 x USB 2.0, 2 x DP 1.2, 8 x DI, 8 x DO, 1 x M.2, 1 x mPCIe, and TPM 2.0

ESRP-CSS-UNO137 Datasheet (HTML) - Advantech Co., Ltd.


ESRP-CSS-UNO137 Product details

Features
ƒ Intel® Atom® E3940 processor (1.6 GHz) with 8GB DDR3L memory
ƒ Wide power input range (10 ~ 36 VDC)
ƒ Wide operating temperature range (-40 ~ 70 °C/-40 ~ 158 °F)
ƒ Port isolation for 8 x DI, 8 x DO, 2 x COM
ƒ DP++ ensures HDMI/DVI compatibility
ƒ Dual storage: M.2 2242 SATA SSD and 2.5” HDD/SSD
ƒ Onboard TPM 2.0 provides hardware-based security
ƒ Supports M.2 3042/M.2 3052 module
ƒ Compliant with IEC 61010-1 safety requirements
ƒ WISE-EdgeLink supports more than 200 PLC device
ƒ Extends Azure cloud intelligence and analytics to edge devices




Similar Part No. - ESRP-CSS-UNO137

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ESRP-CSS-UNO1372 ADVANTECH-ESRP-CSS-UNO1372 Datasheet
1Mb / 2P
Secured Edge Analyzer Intelligent Platform with Azure IoT Edge & WISE-EdgeLink
More results


Similar Description - ESRP-CSS-UNO137

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-2176 ADVANTECH-UNO-2176 Datasheet
581Kb / 1P
Intel짰 Pentium짰 M/Celeron짰 M Fanless Box PC with 2 x LAN, 6 x COM, 8 x DI, 8 x DO
logo
WAGO Kontakttechnik Gmb...
752-8303-8000-002 WAGO-752-8303-8000-002 Datasheet
334Kb / 4P
Edge Controller; 2 x ETHERNET, 2 x USB, 1 x USB-C, HDMI, CAN, DI/DO, RS-
logo
Advantech Co., Ltd.
ESRP-RMM-UNO247 ADVANTECH-ESRP-RMM-UNO247 Datasheet
579Kb / 2P
IoT Edge Computer with Intel® Celeron® J3455 Processor, 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, and 1 x VGA
15-Jul-2020
UNO-127 ADVANTECH-UNO-127 Datasheet
796Kb / 3P
Compact, Fanless Edge Controller with Intel® Atom® Processor, 64GB eMMC, 2 x LAN, 2 x USB, and 1 x HDMI
11-Jul-2022
UNO-137 ADVANTECH-UNO-137 Datasheet
671Kb / 2P
Compact DIN-Rail Controller with Intel® Atom® E3940 CPU, 2 x LAN, 2 x COM, 3 x USB 3.0, 1 x USB 2.0, 2 x DP 1.2, 8 x DI, 8 x DO, 1 x M.2 B key, 1 x mPCIe, and TPM 2.0
13-Jun-2022
UNO-1372G ADVANTECH-UNO-1372G Datasheet
953Kb / 2P
Intel® Atom™ Quad-Core Small Size Control DIN-rail PC w/ 3 x GbE, built-in 4GB DDR3L, 2 x mPCIe, 1 mSATA, 2 x COM, 8 x DI/O, 3 x USB, HDMI, VGA
6-Jan-2021
UNO-238 ADVANTECH-UNO-238 Datasheet
660Kb / 3P
Compact IoT Edge Computer with Intel® Core™ i Processor, 2 x GbE, 4 x USB 3.2, 2 x RS-232/422/485, 1 x HDMI, 1 x DP, 1 x GPIO
5-Aug-2021
UNO-247 ADVANTECH-UNO-247 Datasheet
514Kb / 2P
Intel® Celeron J3455 processor IoT Edge Computer, with 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, 1 x VGA
5-Aug-2021
UNO-420 ADVANTECH-UNO-420 Datasheet
620Kb / 2P
Intel® Atom™ PoE Powered Device Sensing Gateway with 3 x COM, 2 x LAN (1 x PoE), 8 x GPIO, HDMI, USB3.0, TPM2.0
30-Mar-2022
UNO-2372G-V2 ADVANTECH-UNO-2372G-V2 Datasheet
918Kb / 4P
Compact Modular Box PC with Intel® Celeron® Processor, 2 x GbE, 4 x USB, 4 x COM, 2 x M.2, 1 x mPCIe, 1 x HDMI 1.4, 1 x DP 1.4
2-Dec-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com