Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2871F/AF Datasheet (PDF) - New Japan Radio

NJM2871F/AF Datasheet PDF - New Japan Radio
Part # NJM2871F/AF
Download  NJM2871F/AF Download
File Size   139.32 Kbytes
Page   9 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW DROPOUT VOLTAGE REGULATOR

NJM2871F/AF Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2871F/AF Datasheet PDF - New Japan Radio

Part # NJM2871F/AF
Download  NJM2871F/AF Click to download

File Size   139.32 Kbytes
Page   9 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW DROPOUT VOLTAGE REGULATOR

NJM2871F/AF Datasheet (HTML) - New Japan Radio


NJM2871F/AF Product details

GENERAL DESCRIPTION
The NJM2871/A, NJM2872/A are low dropout voltage
regulators designed for cellular phone application.
Advanced Bipolar technology achieves low noise, high ripple
rejection and low quiescent current.

FEATURES
High Ripple Rejection 70dB typ. (f=1kHz,Vo=3V Version)
Output Noise Voltage Vno=30μVrms typ.(Cp=0.01μF)
Output capacitor with 1.0uF ceramic capacitor (Vo≥2.7V)
Output Current Io(max.)=150mA
High Precision Output Vo±2%
Vo±1%:A Version
Low Dropout Voltage 0.10V typ. (Io=60mA)
ON/OFF Control (Active High)
Operating Voltage Range +2.5V∼+14V (Vo≤2.0V version)
Internal Short Circuit Current Limit
Internal Thermal Overload Protection
Bipolar Technology
Package Outline SOT-23-5




Similar Part No. - NJM2871F/AF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2871F NJRC-NJM2871F Datasheet
118Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - NJM2871F/AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com