Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4104 Datasheet (PDF) - New Japan Radio

NJW4104 Datasheet PDF - New Japan Radio
Part # NJW4104
Download  NJW4104 Download
File Size   786.88 Kbytes
Page   21 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 45V Io=200mA Ultra low Quiescent current LDO

NJW4104 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4104 Datasheet PDF - New Japan Radio

Part # NJW4104
Download  NJW4104 Click to download

File Size   786.88 Kbytes
Page   21 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 45V Io=200mA Ultra low Quiescent current LDO

NJW4104 Datasheet (HTML) - New Japan Radio


NJW4104 Product details

■FEATURES
● Low Quiescent Current 5.5μA typ.(A version)
5.0μA typ.(B version)
● Operating Voltage 4.0V to 40V
● Operating Temperature Ta=-40 C to 125°C
● Output Voltage Accuracy VO 1.0%(Ta=25 C)
VO 2.0%(Ta=-40 C to 125°C)
● Output Current IO(min.)=200mA
● ON/OFF Control A ver. only
● Correspond to MLCC
● Under Voltage Lock Out circuit
● Thermal Shutdown Circuit
● Over Current Protection Circuit
● Package Outline A ver. SOT-89-5-2
B ver. SOT-89-3, TO-252-3-L1

■APPLICATION
● Automotive infotainment
● Automotive ECU unit
● Industrial equipment

■GENERAL DESCRIPTION
NJW4104 is a 45V Io=200mA ultra low quiescent
current low dropout regulator.
It achieves low quiescent current characteristics,
therefore it contributes to reduce current consumption
of applications.
Output Voltage is guaranteed ±2% under wide range
conditions: VIN=Vo+1V to 40V, Io=0 to 200mA and
Ta=-40 C to 125 C.
Because of wide input voltage range and wide
operating temperature range, the NJW4104 is suitable
for various applications including automotive
applications.




Similar Part No. - NJW4104

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJW4104 NISSHINBO-NJW4104 Datasheet
486Kb / 20P
45V Io=200mA Ultra low Quiescent current LDO
Ver.2.0
NJW4104DL1-05B NISSHINBO-NJW4104DL1-05B Datasheet
486Kb / 20P
45V Io=200mA Ultra low Quiescent current LDO
Ver.2.0
NJW4104DL1-33B NISSHINBO-NJW4104DL1-33B Datasheet
486Kb / 20P
45V Io=200mA Ultra low Quiescent current LDO
Ver.2.0
NJW4104U2-05A NISSHINBO-NJW4104U2-05A Datasheet
486Kb / 20P
45V Io=200mA Ultra low Quiescent current LDO
Ver.2.0
NJW4104U2-05A-T1 NISSHINBO-NJW4104U2-05A-T1 Datasheet
486Kb / 20P
45V Io=200mA Ultra low Quiescent current LDO
Ver.2.0
More results


Similar Description - NJW4104

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
Ultra Low Quiescent Current LDO Regulator
logo
ams AG
AS1375 AMSCO-AS1375 Datasheet
853Kb / 11P
1A Quiescent Current, 200mA LDO
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
BD7XXL5FP-C ROHM-BD7XXL5FP-C Datasheet
1,000Kb / 23P
Ultra Low Quiescent Current LDO Regulator
01.May.2014 Rev.004
logo
New Japan Radio
NJW4107 NJRC-NJW4107 Datasheet
952Kb / 17P
45V Io=300mA LDO
Ver.1.0
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com