Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20133DSP Datasheet (PDF) - Renesas Technology Corp

R2A20133DSP Datasheet PDF - Renesas Technology Corp
Part # R2A20133DSP
Download  R2A20133DSP Download
File Size   287.27 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Critical Conduction Mode PFC Control IC

R2A20133DSP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A20133DSP Datasheet PDF - Renesas Technology Corp

Part # R2A20133DSP
Download  R2A20133DSP Click to download

File Size   287.27 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Critical Conduction Mode PFC Control IC

R2A20133DSP Datasheet (HTML) - Renesas Technology Corp


R2A20133DSP Product details

Features
• Absolute Maximum Ratings ⎯ Supply voltage Vcc: 24 V ⎯ Junction temperature Tj: –40 to +150°C
• Electrical characteristics
⎯ UVLO operation start voltage VH: 9.5 V ± 0.7 V
⎯ UVLO operation shutdown voltage VL: 8.5 V ± 0.4 V
⎯ UVLO hysteresis voltage Hysuvl: 1.0 V ± 0.4 V
• Functions
⎯ Boost converter control with critical conduction mode
⎯ Two mode overvoltage protection and OVP2 Mode
1: Dynamic OVP corresponding to a voltage rise by load change Mode
2: Static OVP corresponding to overvoltage in stable.
OVP2: OVP2 senses the PFC output voltage by independence pin.
⎯ Feedback loop, open detection
⎯ Overcurrent protection
⎯ Dynamic UVP corresponding to a voltage fall by load change
⎯ Frequency limiter, adjustable
⎯ Zero Current Detect (ZCD) delay time, adjustable
⎯ CS pin's open detection ⎯ Package lineup: Pb-free SOP-8 (JEDEC)




Similar Part No. - R2A20133DSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20133DSP RENESAS-R2A20133DSP Datasheet
126Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_16 Datasheet
288Kb / 14P
Critical Conduction Mode PFC Control IC
More results


Similar Description - R2A20133DSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20113DD RENESAS-R2A20113DD Datasheet
113Kb / 7P
Critical Conduction Mode PFC Control IC
R2A20113SP RENESAS-R2A20113SP_09 Datasheet
107Kb / 7P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP Datasheet
113Kb / 13P
Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP_15 Datasheet
116Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
SSC2016S SANKEN-SSC2016S Datasheet
673Kb / 22P
Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
Critical Conduction Mode PFC Control IC
Jan 08, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com