Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM50 Datasheet (PDF) - Semtech Corporation

SM50 Datasheet PDF - Semtech Corporation
Part # SM50
Download  SM50 Download
File Size   151.67 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER UP YO 10kV, 300mA, 2.5us

SM50 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM50 Datasheet PDF - Semtech Corporation

Part # SM50
Download  SM50 Click to download

File Size   151.67 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER UP YO 10kV, 300mA, 2.5us

SM50 Datasheet (HTML) - Semtech Corporation


SM50 Product details





Similar Part No. - SM50

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
SM500-10 DATATRONICS-SM500-10 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
SM500-11 DATATRONICS-SM500-11 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
SM500-12 DATATRONICS-SM500-12 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
SM500-13 DATATRONICS-SM500-13 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
More results


Similar Description - SM50

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM75F SEMTECH-SM75F Datasheet
253Kb / 3P
RECTIFIER UP YO 10kV, 290mA, 300ns
logo
GETAI ELECTRONICS DEVIC...
CL03-10 GETEDZ-CL03-10 Datasheet
80Kb / 1P
10kV 300mA HIGH VOLTAGE DIODE
CL03-10F GETEDZ-CL03-10F Datasheet
80Kb / 1P
10kV 300mA HIGH VOLTAGE DIODE
logo
Gamma Microelectronics ...
GM6250H GAMMA-GM6250H Datasheet
523Kb / 9P
Maximum output current up 300mA
logo
GETAI ELECTRONICS DEVIC...
HVQL10MB100D GETEDZ-HVQL10MB100D Datasheet
471Kb / 1P
1.0A 10kV--High Voltage Bridge Rectifier
HVQL10MB100G GETEDZ-HVQL10MB100G Datasheet
472Kb / 1P
1.0A 10kV--High Voltage Bridge Rectifier
HVQL20MB100D GETEDZ-HVQL20MB100D Datasheet
472Kb / 1P
2.0A 10kV--High Voltage Bridge Rectifier
HVQL20MB100G GETEDZ-HVQL20MB100G Datasheet
472Kb / 1P
2.0A 10kV--High Voltage Bridge Rectifier
HVP-10 GETEDZ-HVP-10_17 Datasheet
468Kb / 1P
0.75A 10kV--High voltage silicon rectifier stack
HC10 GETEDZ-HC10_17 Datasheet
529Kb / 2P
1.0A 10kV-- Glass Passivated Rectifier Assembly
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com