Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

316-006-520-158 Datasheet (PDF) - EDAC, All Rights Reserved.

316-006-520-158 Datasheet PDF - EDAC, All Rights Reserved.
Part # 316-006-520-158
Download  316-006-520-158 Download
File Size   109.13 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height

316-006-520-158 Datasheet (PDF)

Go To PDF Page Download Datasheet
316-006-520-158 Datasheet PDF - EDAC, All Rights Reserved.

Part # 316-006-520-158
Download  316-006-520-158 Click to download

File Size   109.13 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height

316-006-520-158 Datasheet (HTML) - EDAC, All Rights Reserved.


316-006-520-158 Product details

Features


  • .156" (3.96mm) Contact Spacing with Single Centreline Row

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • Low Profile Insulator Body, .460" (11.68mm)

  • Contact Termination Options include P.C. Tail & Wire Hole

  • Large Variety of Mounting Options

  • Accepts between Contact and In-Contact Polarizing Keys

  • Pre-assembled Card Guides are available

  • RoHS Compliant & UL Certified




Similar Part No. - 316-006-520-158

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
316-006-520-158 EDAC-316-006-520-158 Datasheet
478Kb / 3P
316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
More results


Similar Description - 316-006-520-158

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
316-006-500-104 EDAC-316-006-500-104 Datasheet
110Kb / 3P
316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-006-500-158 EDAC-316-006-500-158 Datasheet
109Kb / 3P
316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-006-500-168 EDAC-316-006-500-168 Datasheet
109Kb / 3P
316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-006-520-101 EDAC-316-006-520-101 Datasheet
108Kb / 3P
316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-006-520-104 EDAC-316-006-520-104 Datasheet
109Kb / 3P
316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-006-521-178 EDAC-316-006-521-178 Datasheet
109Kb / 3P
316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-007-500-107 EDAC-316-007-500-107 Datasheet
110Kb / 3P
316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-007-500-108 EDAC-316-007-500-108 Datasheet
110Kb / 3P
316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-007-520-104 EDAC-316-007-520-104 Datasheet
109Kb / 3P
316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-007-520-107 EDAC-316-007-520-107 Datasheet
109Kb / 3P
316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com