Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1324C Datasheet (PDF) - Alpha Wire

1324C Datasheet PDF - Alpha Wire
Part # 1324C_V01
Download  1324C Download
File Size   98.29 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1324C Datasheet (PDF)

Go To PDF Page Download Datasheet
1324C Datasheet PDF - Alpha Wire

Part # 1324C_V01
Download  1324C Click to download

File Size   98.29 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1324C Datasheet (HTML) - Alpha Wire


1324C Product details

Construction
Diameters (In)
1) Component 1 11 X 1 PAIR
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.050
(1) Color Code Alpha Wire Color Code A
Pair Color Pair Color Pair Color
1 BLACK-RED 5 BLACK-BROWN 9 RED-WHITE
2 BLACK-WHITE 6 BLACK-YELLOW 10 RED-BLUE
3 BLACK-GREEN 7
BLACKORANGE
11 RED-YELLOW
4 BLACK-BLUE 8 RED-GREEN
c) Pair 2/Cond Cabled Together
(1) Twists: 8.0 Twists/foot (min)
2) Cable Assembly 11 Components Cabled
a) Twists: 2.5 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 25% Overlap, Min.
3) Jacket 0.035" Wall, Nom.,PVC 0.401 (0.422 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1324C 11PR 22 AWG
75C (UL) TYPE CM OR AWM 2576 --- LLXXXXXX
CSA TYPE CMG FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 1324C_V01

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1324C ALPHAWIRE-1324C Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
More results


Similar Description - 1324C_V01

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com