Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

145016 Datasheet (PDF) - Alpha Wire

145016 Datasheet PDF - Alpha Wire
Part # 145016
Download  145016 Download
File Size   97.95 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

145016 Datasheet (PDF)

Go To PDF Page Download Datasheet
145016 Datasheet PDF - Alpha Wire

Part # 145016
Download  145016 Click to download

File Size   97.95 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

145016 Datasheet (HTML) - Alpha Wire


145016 Product details

Construction
Diameters (In)
1) Component 1 2 X 1 COND
a) Conductor 16 (65/34) AWG Tinned Copper 0.059
b) Insulation 0.0255" Wall, Nom. EPDM Rubber 0.110
(1) Color Code Alpha Wire Color Code H
Cond Color Cond Color Cond Color
1 BLACK 2 WHITE
2) Cable Assembly 2 Components Cabled
a) Twists: 3.7 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield
Tinned Copper BRAID Shield,85%
Coverage, Min.
4) Jacket 0.036" Wall, Nom.,Polychloroprene 0.327+/- 0.015
a) Color(s) BLACK
b) Jacket Separator
Paper Tape, 25% Overlap, Min. &
Cotton Serve
c) Print
ALPHA WIRE-* P/N 1450/16
CE ROHS
* = Factory Code




Similar Part No. - 145016

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
14501 PENTAIR-14501 Datasheet
4Mb / 56P
A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
logo
Heyco.
14501 HEYCO-14501 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Evolt
14501 EKTOR-14501 Datasheet
118Kb / 2P
UMBRA CORE IP65
3rd of February 2025 06:01:36
logo
Philips Lighting N.V
14501 PHILIPSLIGHTING-14501 Datasheet
159Kb / 5P
Halogen reflector
Sunday 2nd March, 2014
14501 150W GX5.3 20V PHILIPSLIGHTING-14501 150W GX5.3 20V Datasheet
159Kb / 5P
Halogen reflector
Sunday 2nd March, 2014
More results


Similar Description - 145016

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com