Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1451/16 Datasheet (PDF) - Alpha Wire

1451/16 Datasheet PDF - Alpha Wire
Part # 1451/16
Download  1451/16 Download
File Size   97.79 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1451/16 Datasheet (PDF)

Go To PDF Page Download Datasheet
1451/16 Datasheet PDF - Alpha Wire

Part # 1451/16
Download  1451/16 Click to download

File Size   97.79 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1451/16 Datasheet (HTML) - Alpha Wire


1451/16 Product details

Construction
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 16 (65/34) AWG Tinned Copper 0.059
b) Insulation 0.0255" Wall, Nom. EPDM Rubber 0.110
(1) Color Code Alpha Wire Color Code H
Cond Color Cond Color Cond Color
1 BLACK 2 WHITE 3 RED
2) Cable Assembly 3 Components Cabled
a) Twists: 3.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield
Tinned Copper BRAID Shield,85%
Coverage, Min.
4) Jacket 0.037" Wall, Nom.,NEOPRENE 0.350+/- 0.016
a) Color(s) BLACK
b) Jacket Separator
Paper Tape, 25% Overlap, Min. &
Cotton Serve
c) Print
ALPHA WIRE-* P/N 1451/16
CE ROHS
* = Factory Code




Similar Part No. - 1451/16

ManufacturerPart #DatasheetDescription
logo
FCI connector
1451 FCI-CONNECTOR-1451 Datasheet
105Kb / 2P
System Sensor Ionization Smoke Detector
logo
Systemsensor advanced i...
1451 SYSTEMSENSOR-1451 Datasheet
207Kb / 4P
Plug-in Smoke Detector
logo
Adafruit Industries
1451 ADAFRUIT-1451 Datasheet
194Kb / 2P
Diffused Piranha Super-flux RGB (tri-color) LED (10 pack)
7/16/2015
logo
Hammond Manufacturing L...
1451-10 HAMMOND-1451-10 Datasheet
272Kb / 3P
Steel Chassis 1441 Series Powder Coated, Real Walnut Side Option
10/24/2017
1451-10BK3 HAMMOND-1451-10BK3 Datasheet
272Kb / 3P
Steel Chassis 1441 Series Powder Coated, Real Walnut Side Option
10/24/2017
More results


Similar Description - 1451/16

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com