Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25060/15 Datasheet (PDF) - Alpha Wire

25060/15 Datasheet PDF - Alpha Wire
Part # 25060/15
Download  25060/15 Download
File Size   98.32 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

25060/15 Datasheet (PDF)

Go To PDF Page Download Datasheet
25060/15 Datasheet PDF - Alpha Wire

Part # 25060/15
Download  25060/15 Click to download

File Size   98.32 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

25060/15 Datasheet (HTML) - Alpha Wire


25060/15 Product details

Construction
Diameters (In)
1) Component 1 15 X 1 COND
a) Conductor 20 (7/28) AWG Tinned Copper 0.038
b) Insulation 0.016" Wall, Nom. PVC 0.070
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 6 BLUE 11 PINK
2 RED 7 BROWN 12 TAN
3 WHITE 8 YELLOW 13 RED/GREEN
4 GREEN 9 VIOLET 14 RED/YELLOW
5 ORANGE 10 SLATE 15 RED/BLACK
2) Cable Assembly 15 Components Cabled
a) Twists: 2.5 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Jacket
0.032" Wall, Nom.,Polyurethane
(TPU)
0.391 (0.408 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25060/15
XTRAGUARD(R) 2 RU AWM 20668 VW-1 OR CRU
AWM I/II A/B 90C 300 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code




Similar Part No. - 25060/15

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25060/20 ALPHAWIRE-25060/20 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
25060/25 ALPHAWIRE-25060/25 Datasheet
93Kb / 4P
Customer Specification
1/4/2023
25060/40 ALPHAWIRE-25060/40 Datasheet
397Kb / 4P
20 (7/28) AWG Tinned Copper
25060/50 ALPHAWIRE-25060/50 Datasheet
94Kb / 5P
Customer Specification
1/5/2023
25060/60 ALPHAWIRE-25060/60 Datasheet
94Kb / 5P
Customer Specification
1/5/2023
More results


Similar Description - 25060/15

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com