Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC967 Datasheet (PDF) - Vishay Siliconix

SIC967 Datasheet PDF - Vishay Siliconix
Part # SIC967
Download  SIC967 Download
File Size   883.42 Kbytes
Page   20 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 60 V Input, 6 A, microBRICKTM DC/DC Converter

SIC967 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC967 Datasheet PDF - Vishay Siliconix

Part # SIC967
Download  SIC967 Click to download

File Size   883.42 Kbytes
Page   20 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 60 V Input, 6 A, microBRICKTM DC/DC Converter

SIC967 Datasheet (HTML) - Vishay Siliconix


SIC967 Product details

DESCRIPTION
The SiC967 is a synchronous buck regulator module with
integrated power MOSFETs and inductor. Its power stage is
capable of supplying 6 A continuous current at up to 2 MHz
switching frequency. This regulator produces an adjustable
output voltage down to 0.8 V from 4.5 V to 60 V input
rail to accommodate a variety of applications, including
computing, consumer electronics, telecom, and industrial.
SiC967’s architecture supports ultrafast transient response
with minimum output capacitance and tight ripple regulation
at very light load. The device is internally compensated and
no external ESR network is required for loop stability
purposes. The device also incorporates a power saving
scheme that significantly increases light load efficiency.
The regulator integrates a full protection feature set,
including output over voltage protection (OVP), cycle by
cycle over current protection (OCP) short circuit protection
(SCP) and thermal shutdown (OTP). It also has UVLO and a
user fixed 6 ms soft start.
The SiC967 is available in lead (Pb)-free power
enhanced PowerPAK® MLP54-A6L package in 10.6
mm x 6.5 mm x 3 mm dimensions.

FEATURES
• Versatile
- Single supply operation from 4.5 V to 60 V
input voltage
- Adjustable output voltage down to 0.8 V
- Output voltage tracking and sequencing
with pre-bias start up
- ± 1 % output voltage accuracy at -40 °C to
+125 °C
• Internal compensation
• Highly efficient
- 95 % peak efficiency
- 4 μA supply current at shutdown
- 100 μA operating current not switching
• Highly configurable
- Adjustable switching frequency from 100 kHz to 2 MHz
- Fixed soft start and selectable preset 100 %, 75 %, and
50 % current limit
- 3 modes of operation, forced continuous conduction,
power save or ultrasonic
• Robust and reliable
- Output over voltage protection
- Output under voltage / short circuit protection with auto
retry
- Power good flag and over temperature protection
- Supported by Vishay PowerCAD online design
simulation
• High power density
- Integration of high current output inductor
- 10.6 mm x 6.5 mm x 3 mm low profile MLP package
• Easy of use
- Internal compensation
- Low peripheral component count
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Industrial and automation
• Home automation
• Industrial and server computing
• Networking, telecom, and base station power supplies
• Wall transformer regulation
• Robotics
• High end hobby electronics: remote control cars, planes,
and drones
• Battery management systems
• Power tools
• Vending, ATM, and slot machines




Similar Part No. - SIC967

ManufacturerPart #DatasheetDescription
logo
Shenzhen SI Semiconduct...
SIC9601 SISEMIC-SIC9601 Datasheet
366Kb / 6P
Primary Sensing AC-DC Off-line Controller with Base-Sense Technology
SIC9653 SISEMIC-SIC9653 Datasheet
497Kb / 7P
High Precision PSR Constant Current LED Driver
SIC9653 SISEMIC-SIC9653 Datasheet
484Kb / 7P
High Precision PSR Constant Current LED Driver
SIC9654 SISEMIC-SIC9654 Datasheet
484Kb / 7P
High Precision PSR Constant Current LED Driver
More results


Similar Description - SIC967

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54560-Q1 TI1-TPS54560-Q1 Datasheet
1Mb / 43P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
logo
Vishay Siliconix
SIC464 VISHAY-SIC464_V01 Datasheet
748Kb / 28P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
29-Nov-2021
SIC466 VISHAY-SIC466 Datasheet
942Kb / 24P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
06-Dec-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com