Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB540 Datasheet (PDF) - Pan Jit International Inc.

SB540 Datasheet PDF - Pan Jit International Inc.
Part # SB540
Download  SB540 Download
File Size   57.52 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)

SB540 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB540 Datasheet PDF - Pan Jit International Inc.

Part # SB540
Download  SB540 Click to download

File Size   57.52 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)

SB540 Datasheet (HTML) - Pan Jit International Inc.


SB540 Product details

VOLTAGE 20 to 60 Volt CURRENT 5 Ampere

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O utilizing
   Flame Retardant Epoxy Molding Compound.
• For use in low voltage, high frequency inverters, free wheeling,
   and polarity protection applications.
• ESD Passed devices : Air mode 15KV, human body mode 8KV
• Lead free in comply with EU RoHS 2011/65/EU directives

MECHANICAL DATA
• Case: DO-201AD Molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode
• Weight: 0.04 ounces, 1.142 grams




Similar Part No. - SB540

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB540 TRSYS-SB540 Datasheet
165Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB540 WTE-SB540 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB540 ZOWIE-SB540 Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB540 DIODES-SB540 Datasheet
56Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
logo
EIC discrete Semiconduc...
SB540 EIC-SB540 Datasheet
62Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Similar Description - SB540

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1620CT PANJIT-SB1620CT Datasheet
57Kb / 2P
16 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
SB320 PANJIT-SB320 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
SD1020CT PANJIT-SD1020CT Datasheet
331Kb / 2P
SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
SD620CT PANJIT-SD620CT Datasheet
41Kb / 2P
SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 6.0 Amperes)
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Rectron Semiconductor
SR520 RECTRON-SR520 Datasheet
24Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
SBR520 DAESAN-SBR520 Datasheet
417Kb / 2P
CURRENT 5.0 AMPERES VOLTAGE 20 TO 100 VOLTS
logo
Rectron Semiconductor
ISR20100A RECTRON-ISR20100A Datasheet
421Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 20 Amperes
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520_15 Datasheet
176Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 5.0 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com