Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1163N Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R1163N Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R1163N
Download  R1163N Download
File Size   887.6 Kbytes
Page   35 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications

R1163N Datasheet (PDF)

Go To PDF Page Download Datasheet
R1163N Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R1163N
Download  R1163N Click to download

File Size   887.6 Kbytes
Page   35 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications

R1163N Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R1163N Product details

FEATURES
 Input Voltage Range (Maximum Rating) .............. 2.0 V to 6.0 V (6.5 V)
 Supply Current ..................................................... Typ. 6.0 µA (Low Power Mode),
Typ. 70 µA (Fast Transient Mode)
 Reverse Current ................................................... Max. 0.1 µA
 Standby Mode ...................................................... Typ. 0.6 µA
 Ripple Rejection ................................................... Typ. 70 dB (f = 1 kHz, Fast Transient Mode)
 Output Voltage Range .......................................... 1.5 V to 5.0 V (0.1 V step)
For other voltages, please refer to MARK SPECIFICATION TABLE
 Output Voltage Accuracy ...................................... 1.5% (2.5% at Low Power Mode)
 Temperature-Drift Coefficient of Output Voltage .. Typ. 100 ppm/°C
 Dropout Voltage ................................................... Typ. 0.25 V (IOUT = 150 mA, VOUT = 2.8 V)
 Line Regulation .................................................... Typ. 0.02%/V (Fast Transient Mode)
 Output Noise "H" (FT Mode) ................................ TYP. 30 µVrms (BW = 10 Hz to 100 kHz)
Output Noise "L" (LP Mode) ................................. TYP. 40 µVrms (BW = 10 Hz to 100 kHz)
 Package ............................................................... SOT-23-5
 Built-in fold-back protection circuit ....................... Typ. 40 mA (Current at short mode)
 Performs with Ceramic Capacitors ...................... CIN = Ceramic 1.0 µF, COUT = Ceramic 0.47 µF




Similar Part No. - R1163N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B-TR-FE RICOH-R1163N151B-TR-FE Datasheet
718Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
April 1, 2012
R1163N151D RICOH-R1163N151D Datasheet
1Mb / 36P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151D-TR-FE RICOH-R1163N151D-TR-FE Datasheet
718Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
April 1, 2012
R1163N151E-TR-FE RICOH-R1163N151E-TR-FE Datasheet
718Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
April 1, 2012
More results


Similar Description - R1163N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Texas Instruments
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
April 1, 2012
logo
ABLIC Inc.
S-13R1 ABLIC-S-13R1 Datasheet
636Kb / 49P
5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
logo
Nisshinbo Micro Devices...
R1114N NISSHINBO-R1114N Datasheet
467Kb / 26P
Low Noise 150 mA LDO Regulator for Automotive Applications
R1130H NISSHINBO-R1130H Datasheet
1Mb / 26P
300 mA LDO Regulator for Automotive Applications
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1180X-Y NISSHINBO-R1180X-Y Datasheet
601Kb / 26P
150 mA LDO Regulator for Industrial Applications
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
300mA LDO REGULATOR with the Reverse Current Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com