Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1155N112B Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R1155N112B Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R1155N112B
Download  R1155N112B Download
File Size   1278.89 Kbytes
Page   30 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 150 mA 24 V Input High Voltage Regulator

R1155N112B Datasheet (PDF)

Go To PDF Page Download Datasheet
R1155N112B Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R1155N112B
Download  R1155N112B Click to download

File Size   1278.89 Kbytes
Page   30 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 150 mA 24 V Input High Voltage Regulator

R1155N112B Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R1155N112B Product details

FEATURES
• Supply Current ········································· Typ. 7.5 μA (VIN = 6.0 V or 3.0 V)
• Standby Current ········································ Typ. 0.1 μA
• Output Current ·········································· Min. 150 mA (VIN = 6.0 V or 3.0 V)
• Output Voltage Accuracy ····························· ±2.0%
• Package ·················································· SOT-23-5, SOT-89-5
• Input Voltage Range ·································· Max. 24.0 V
• Output Voltage Range ································ Fixed Output Voltage Type: 2.5 V to 12.0 V
Adjustable Output Voltage Type: 2.5 V, 2.5 V to 23.0 V
using external resistor
• Fold-back Protection Circuit ························· Typ. 30 mA
• Thermal Shutdown Circuit
• Reverse Current Protection Circuit
• Ceramic Capacitor Capable ························· COUT = 4.7 μF or more




Similar Part No. - R1155N112B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1155N100B-TR-FE RICOH-R1155N100B-TR-FE Datasheet
563Kb / 26P
150 mA 24 V Input High Voltage Regulator
April 1, 2012
R1155N100C-TR-FE RICOH-R1155N100C-TR-FE Datasheet
563Kb / 26P
150 mA 24 V Input High Voltage Regulator
April 1, 2012
R1155N120B-TR-FE RICOH-R1155N120B-TR-FE Datasheet
563Kb / 26P
150 mA 24 V Input High Voltage Regulator
April 1, 2012
R1155N120C-TR-FE RICOH-R1155N120C-TR-FE Datasheet
563Kb / 26P
150 mA 24 V Input High Voltage Regulator
April 1, 2012
More results


Similar Description - R1155N112B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Texas Instruments
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A TI1-TPS715A_16 Datasheet
1Mb / 26P
24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
150 mA 24 V Input High Voltage Regulator
April 1, 2012
logo
Texas Instruments
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ABLIC Inc.
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
S-1312XXXH ABLIC-S-1312XXXH Datasheet
1Mb / 39P
105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00
S-1711 ABLIC-S-1711 Datasheet
599Kb / 44P
6.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR
Rev.3.2_00
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
150 mA Voltage Regulator (Wide Input Voltage Range)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com