Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1698K Datasheet (PDF) - Diodes Incorporated

AL1698K Datasheet PDF - Diodes Incorporated
Part # AL1698K
Download  AL1698K Download
File Size   764.73 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH EFFICIENCY DIMMABLE LED KD RIVER

AL1698K Datasheet (PDF)

Go To PDF Page Download Datasheet
AL1698K Datasheet PDF - Diodes Incorporated

Part # AL1698K
Download  AL1698K Click to download

File Size   764.73 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH EFFICIENCY DIMMABLE LED KD RIVER

AL1698K Datasheet (HTML) - Diodes Incorporated


AL1698K Product details

Features
- High Efficiency > 90% (Boost Topology)
- Tight Current Sense Tolerance: ± 3%
- Low Operation Current: 310μA
- Single Winding Inductor
- Wide Range of Dimmer Compatibility
- Integration of 600V/2A MOSFET
- Integration of HV JFET
- NEMA SSL6 Dimming Curve Compliant
- Internal Protections
- Under Voltage Lockout (UVLO)
- Leading-Edge Blanking (LEB)
- Cycle-By-Cycle Over Current Protection (OCP)
- Over Voltage Protection (OVP)
- Output Short Protection (OSP)
- Thermal Foldback Protection (TFP)
- Over Temperature Protection (OTP)
- SO-7 Package
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- Mains dimmable LED lamps
- Offline LED power supply drivers




Similar Part No. - AL1698K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
DIMMABLE LED DRIVER
September 2019
AL1698-20CS7-13 DIODES-AL1698-20CS7-13 Datasheet
748Kb / 15P
DIMMABLE LED DRIVER
September 2019
More results


Similar Description - AL1698K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 2
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
AP1695-20C DIODES-AP1695-20C Datasheet
423Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
Rev 1
logo
List of Unclassifed Man...
WS9841 ETC2-WS9841 Datasheet
627Kb / 8P
High Efficiency TRIAC dimmable LED
logo
Shenzhen Winsemi Microe...
WS9841 WINSEMI-WS9841 Datasheet
627Kb / 8P
High Efficiency TRIAC dimmable LED
logo
Bright Power Semiconduc...
BP3212 BPS-BP3212 Datasheet
237Kb / 2P
High Efficiency TRIAC dimmable LED Driver
BP3216 BPS-BP3216 Datasheet
236Kb / 2P
High Efficiency TRIAC dimmable LED Driver
BP3218 BPS-BP3218 Datasheet
234Kb / 2P
High Efficiency TRIAC dimmable LED Driver
BP3236C BPS-BP3236C Datasheet
237Kb / 2P
High Efficiency TRIAC dimmable LED Driver
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com