Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJD100P04 Datasheet (PDF) - Pan Jit International Inc.

PJD100P04 Datasheet PDF - Pan Jit International Inc.
Part # PJD100P04
Download  PJD100P04 Download
File Size   628.8 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 40V P-Channel Enhancement Mode MOSFET

PJD100P04 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJD100P04 Datasheet PDF - Pan Jit International Inc.

Part # PJD100P04
Download  PJD100P04 Click to download

File Size   628.8 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 40V P-Channel Enhancement Mode MOSFET

PJD100P04 Datasheet (HTML) - Pan Jit International Inc.


PJD100P04 Product details

Features
 RDS(ON), VGS@-10V, ID@-20A<6.5mΩ
 RDS(ON), VGS@-4.5V, ID@-10A<9mΩ
 High switching speed
 Improved dv/dt capability
 Low gate charge
 Low reverse transfer capacitance
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case : TO-252AA Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 0.0105 ounces, 0.297grams




Similar Part No. - PJD100P04

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD100P04-AU PANJIT-PJD100P04-AU Datasheet
661Kb / 6P
40V P-Channel Enhancement Mode Mosfet
June 17,2020 PJD100P04-AU-REV.01
PJD100P04-AU_L2_000A1 PANJIT-PJD100P04-AU_L2_000A1 Datasheet
661Kb / 6P
40V P-Channel Enhancement Mode Mosfet
June 17,2020 PJD100P04-AU-REV.01
More results


Similar Description - PJD100P04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
40V P-channel enhancement mode MOSFET
MARCH 2006
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
-40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com