Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF473 Datasheet (PDF) - Advanced Power Technology

ARF473 Datasheet PDF - Advanced Power Technology
Part # ARF473
Download  ARF473 Download
File Size   124.91 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFETs

ARF473 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARF473 Datasheet PDF - Advanced Power Technology

Part # ARF473
Download  ARF473 Click to download

File Size   124.91 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFETs

ARF473 Datasheet (HTML) - Advanced Power Technology


ARF473 Product details

The ARF473 is a matched pair of RF power transistors in a common source configuration. It is designed for high voltage push-pull or parallel operation in narrow band ISM and MRI power amplifiers up to 150 MHz.

• Specified 135 Volt, 130 MHz Characteristics:
    Output Power = 300 Watts.
    Gain = 13dB (Class AB)
    Efficiency = 50%
• High Performance Push-Pull RF Package.
• High Voltage Breakdown and Large SOA for Superior Ruggedness.
• Low Thermal Resistance.




Similar Part No. - ARF473

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF475FL ADPOW-ARF475FL Datasheet
95Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Microsemi Corporation
ARF475FL MICROSEMI-ARF475FL Datasheet
485Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF475FL MICROSEMI-ARF475FL Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF475FL MICROSEMI-ARF475FL_10 Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
logo
Advanced Power Technolo...
ARF475LF ADPOW-ARF475LF Datasheet
95Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
More results


Similar Description - ARF473

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF460A ADPOW-ARF460A Datasheet
78Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF463AP1 ADPOW-ARF463AP1 Datasheet
187Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF465A ADPOW-ARF465A Datasheet
66Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF466A ADPOW-ARF466A Datasheet
163Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF475LF ADPOW-ARF475LF Datasheet
95Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF520 ADPOW-ARF520 Datasheet
74Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF521 ADPOW-ARF521 Datasheet
198Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
logo
Silicon Standard Corp.
SSM9926EM SSC-SSM9926EM Datasheet
150Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9926GEO SSC-SSM9926GEO Datasheet
154Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
IXYS Corporation
IXTT52N30P IXYS-IXTT52N30P_V01 Datasheet
146Kb / 6P
N-Channel Enhancement Mode Power MOSFETs
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com