Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF1519 Datasheet (PDF) - Advanced Power Technology

ARF1519 Datasheet PDF - Advanced Power Technology
Part # ARF1519
Download  ARF1519 Download
File Size   133.68 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF POWER MOSFET

ARF1519 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARF1519 Datasheet PDF - Advanced Power Technology

Part # ARF1519
Download  ARF1519 Click to download

File Size   133.68 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF POWER MOSFET

ARF1519 Datasheet (HTML) - Advanced Power Technology


ARF1519 Product details

The ARF1519 is an RF power transistor designed for very high power scientific, commercial, medical and industrial RF power generator and amplifier applications up to 25 MHz.



•Specified 250 Volt, 13.56 MHz Characteristics:

  • Output Power = 750 Watts.

  • Gain = 17dB (Class C)

  • Efficiency > 75%

•High Performance Power RF Package.

•Very High Breakdown for Improved Ruggedness.

•Low Thermal Resistance.

•Nitride Passivated Die for Improved Reliability.




Similar Part No. - ARF1519

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ARF1519 MICROSEMI-ARF1519 Datasheet
137Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results


Similar Description - ARF1519

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
RF Power MOSFET
logo
Advanced Power Technolo...
ARF1518 ADPOW-ARF1518 Datasheet
100Kb / 3P
RF POWER MOSFET
logo
IXYS Corporation
IXZ12210N50L IXYS-IXZ12210N50L Datasheet
304Kb / 4P
RF Power MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
IXYS Corporation
DE150-102N02A IXYS-DE150-102N02A Datasheet
168Kb / 4P
RF Power MOSFET
logo
Advanced Semiconductor
MRF185 ASI-MRF185 Datasheet
37Kb / 1P
RF POWER MOSFET
logo
IXYS Corporation
DE275-501N16A IXYS-DE275-501N16A Datasheet
162Kb / 5P
RF Power MOSFET
DE275X2-501N16A IXYS-DE275X2-501N16A Datasheet
175Kb / 4P
RF Power MOSFET
DE375-501N21A IXYS-DE375-501N21A_09 Datasheet
152Kb / 5P
RF Power MOSFET
IXZ210N50L IXYS-IXZ210N50L_07 Datasheet
326Kb / 9P
RF Power MOSFET
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com