Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1076 Datasheet (PDF) - Advanced Power Technology

MS1076 Datasheet PDF - Advanced Power Technology
Part # MS1076
Download  MS1076 Download
File Size   90.94 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS

MS1076 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1076 Datasheet PDF - Advanced Power Technology

Part # MS1076
Download  MS1076 Click to download

File Size   90.94 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS

MS1076 Datasheet (HTML) - Advanced Power Technology


MS1076 Product details

DESCRIPTION:

The MS1076 is a 28 volt epitaxial NPN silicon planar transistor designed primarily for SSB and VHF communications.  This device utilizes an emitter ballasted die geometry for maximum ruggedness and reliability.



Features

·  30 MHz

·  28 VOLTS

·  GOLD METALLIZATION

·  POUT = 220 W PEP

·  GP= 12 dB GAIN MINIMUM

·  COMMON EMITTER CONFIGURATION



 




Similar Part No. - MS1076

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
More results


Similar Description - MS1076

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com