Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3302 Datasheet (PDF) - Advanced Power Technology

MS3302 Datasheet PDF - Advanced Power Technology
Part # MS3302
Download  MS3302 Download
File Size   152.44 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS

MS3302 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS3302 Datasheet PDF - Advanced Power Technology

Part # MS3302
Download  MS3302 Click to download

File Size   152.44 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS

MS3302 Datasheet (HTML) - Advanced Power Technology


MS3302 Product details

DESCRIPTION:

The MS3302 is a common base silicon NPN microwave transistor designed for general purpose applications over the 1.0 – 3.0 GHz frequency range. The MS3302 utilizes an emitter ballasted die geometry for maximum load VSWR capability under rated conditions.



Features

· 3.0 GHz

· GOLD METALIZATION

· EMITTER BALLASTED

· POUT = 4.5 W MINIMUM

· GP = 4.5 dB

· ∞:1 VSWR CAPABILITY @ RATED CONDITIONS

· COMMON BASE CONFIGURATION



 




Similar Part No. - MS3302

ManufacturerPart #DatasheetDescription
logo
EMP-Centauri s.r.o.
MS3312PIU-6 EMP-CENTAURI-MS3312PIU-6 Datasheet
540Kb / 1P
Multiswitch 33in / 12out
logo
PANDUIT CORP.
MS3339-1-9 PANDUIT-MS3339-1-9 Datasheet
83Kb / 1P
Cable Tie Plates
MS3339-2-9 PANDUIT-MS3339-2-9 Datasheet
83Kb / 1P
Cable Tie Plates
MS3339-6-9 PANDUIT-MS3339-6-9 Datasheet
83Kb / 1P
Cable Tie Plates
MS3339-7-9 PANDUIT-MS3339-7-9 Datasheet
83Kb / 1P
Cable Tie Plates
More results


Similar Description - MS3302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81002 STMICROELECTRONICS-MSC81002 Datasheet
101Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81005 STMICROELECTRONICS-MSC81005 Datasheet
99Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81010 STMICROELECTRONICS-MSC81010 Datasheet
101Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81020 STMICROELECTRONICS-MSC81020 Datasheet
89Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81118 STMICROELECTRONICS-MSC81118 Datasheet
102Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82003 STMICROELECTRONICS-MSC82003 Datasheet
92Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82010 STMICROELECTRONICS-MSC82010 Datasheet
87Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82306 STMICROELECTRONICS-MSC82306 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82307 STMICROELECTRONICS-MSC82307 Datasheet
51Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC83301 STMICROELECTRONICS-MSC83301 Datasheet
96Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
02-Sep-1994
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com