Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64102 Datasheet (PDF) - Diodes Incorporated

AP64102 Datasheet PDF - Diodes Incorporated
Part # AP64102
Download  AP64102 Download
File Size   1428.07 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION

AP64102 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP64102 Datasheet PDF - Diodes Incorporated

Part # AP64102
Download  AP64102 Click to download

File Size   1428.07 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION

AP64102 Datasheet (HTML) - Diodes Incorporated


AP64102 Product details

Features
- VIN: 3.8V to 40V
- Output Voltage (VOUT): 0.8V to VIN
- 1A Continuous Output Current
- 0.8V ± 1% Reference Voltage
- 25μA Low Quiescent Current (Pulse Frequency Modulation)
- Adjustable Switching Frequency: 100kHz to 2.2MHz
- External Clock Synchronization: 100kHz to 2.2MHz
- Adjustable Soft-Start Time
- Up to 88% Efficiency at 5mA Light Load
- Proprietary Gate Driver Design for Best EMI Reduction
- Frequency Spread Spectrum (FSS) to Reduce EMI
- Low-Dropout (LDO) Mode
- Precision Enable Threshold to Adjust UVLO
- Protection Circuitry
- Undervoltage Lockout (UVLO)
- Output Overvoltage Protection (OVP)
- Cycle-by-Cycle Peak Current Limit
- Thermal Shutdown
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- Distributed Power Bus Supplies
- Power Tools and Laser Printers
- White Goods and Small Home Appliances
- Home Audio
- Network Systems
- Consumer Electronics
- General Purpose Point of Load




Similar Part No. - AP64102

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP64102Q DIODES-AP64102Q Datasheet
922Kb / 2P
40V, 600mA, Synchronous Buck Converter Delivers High Efficiency in Automotive Point of Load ( PoL ) Applications
AP64102Q DIODES-AP64102Q Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
AP64102Q DIODES-AP64102Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 July 2021
AP64102QSP-13 DIODES-AP64102QSP-13 Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
AP64102QSP-13 DIODES-AP64102QSP-13 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 July 2021
More results


Similar Description - AP64102

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP64100 DIODES-AP64100 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
AP64102Q DIODES-AP64102Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 July 2021
AP64200 DIODES-AP64200 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
AP64202 DIODES-AP64202 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 March 2021
AP64350 DIODES-AP64350 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 4 - 2 August 2019
AP64351 DIODES-AP64351 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
Rev. 4 - 2 August 2019
AP64352 DIODES-AP64352 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 5 - 2 August 2019
AP64500 DIODES-AP64500 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 4 - 2 August 2019
AP64501 DIODES-AP64501 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
Rev. 4 - 2 August 2019
AP64502 DIODES-AP64502 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 April 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com