Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1606 Datasheet (PDF) - Alpha Wire

1606 Datasheet PDF - Alpha Wire
Part # 1606
Download  1606 Download
File Size   98.42 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1606 Datasheet (PDF)

Go To PDF Page Download Datasheet
1606 Datasheet PDF - Alpha Wire

Part # 1606
Download  1606 Click to download

File Size   98.42 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1606 Datasheet (HTML) - Alpha Wire


1606 Product details

Construction
Diameters (In)
1) Component 1 6 X 1 COND
a) Conductor 26 (7/34) AWG Bare Copper 0.019
b) Insulation
0.009" Wall, Nom.
Polypropylene(PP)
0.037
(1) Color(s)
Cond Color Cond Color Cond Color
1 WHITE 3 RED 5 YELLOW
2 BLACK 4 GREEN 6 BLUE
2) Cable Assembly
6 Components run parallel under
jacket.
3) Jacket 0.024" Wall, Nom.,PVC 0.090+/- 0.007
X 0.270+/- 0.009
a) Color(s) SILVER, BLACK




Similar Part No. - 1606

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1606 WELWYN-1606 Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
1606 ETC2-1606 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
TT Electronics.
1606 TTELEC-1606 Datasheet
907Kb / 7P
Manufactured ROHS compliant pb-free terminations
1606 TTELEC-1606 Datasheet
921Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
1606 TTELEC-1606 Datasheet
1,009Kb / 7P
Wirewound Resistors Wirewound Resistors
01.21
More results


Similar Description - 1606

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com