Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1703 Datasheet (PDF) - Alpha Wire

1703 Datasheet PDF - Alpha Wire
Part # 1703
Download  1703 Download
File Size   97.52 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1703 Datasheet (PDF)

Go To PDF Page Download Datasheet
1703 Datasheet PDF - Alpha Wire

Part # 1703
Download  1703 Click to download

File Size   97.52 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1703 Datasheet (HTML) - Alpha Wire


1703 Product details

Construction
Diameters (In)
1) Component 1 1 X 1 COND
a) Conductor 24 (10/34) AWG Tinned Copper 0.024
b) Insulation 0.020" Wall, Nom. Polyethylene(PE) 0.064
(1) Color(s)
Cond Color Cond Color Cond Color
1 WHITE
2) Shield
Tinned Copper BRAID Shield,90%
Coverage, Min.
3) Jacket 0.030" Wall, Nom.,PVC 0.146 (0.155 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1703
ROHS
* = Factory Code




Similar Part No. - 1703

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
1703 AMPHENOL-1703 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Heyco.
1703 HEYCO-1703 Datasheet
112Kb / 1P
Shorty Plugs
logo
Mill-Max Mfg. Corp.
1703-3-17-01-30-02-02-0 MILL-MAX-1703-3-17-01-30-02-02-0 Datasheet
97Kb / 1P
WRAPOST RECEPTACLES for .015??- .025??diameter pins
1703-3-17-01-30-27-02-0 MILL-MAX-1703-3-17-01-30-27-02-0 Datasheet
97Kb / 1P
WRAPOST RECEPTACLES for .015??- .025??diameter pins
1703-3-17-01-30-84-02-0 MILL-MAX-1703-3-17-01-30-84-02-0 Datasheet
97Kb / 1P
WRAPOST RECEPTACLES for .015??- .025??diameter pins
More results


Similar Description - 1703

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com