Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1728 Datasheet (PDF) - Alpha Wire

1728 Datasheet PDF - Alpha Wire
Part # 1728
Download  1728 Download
File Size   98.2 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1728 Datasheet (PDF)

Go To PDF Page Download Datasheet
1728 Datasheet PDF - Alpha Wire

Part # 1728
Download  1728 Click to download

File Size   98.2 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1728 Datasheet (HTML) - Alpha Wire


1728 Product details

Construction
Diameters (In)
1) Component 1 20 X 1 COND
a) Conductor 20 (26/34) AWG Tinned Copper 0.038
b) Insulation 0.015" Wall, Nom. Polyethylene(PE) 0.068
(1) Color Code Alpha Wire Color Code H
Cond Color Cond Color Cond Color
1 BLACK 8 ORANGE 15 WHITE/BLUE
2 WHITE 9 SLATE 16 WHITE/BROWN
3 RED 10 VIOLET 17 WHITE/VIOLET
4 GREEN 11 WHITE/BLACK 18 WHITE/SLATE
5 YELLOW 12 WHITE/RED 19 BLACK/RED
6 BLUE 13 WHITE/GREEN 20 BLACK/YELLOW
7 BROWN 14 WHITE/YELLOW
2) Cable Assembly 20 Components Cabled
a) Twists: 2.3 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 25% Overlap, Min.
3) Shield
Tinned Copper BRAID Shield,85%
Coverage, Min.
4) Jacket 0.035" Wall, Nom.,PVC 0.462 (0.481 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1728
CE ROHS
* = Factory Code




Similar Part No. - 1728

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
1728 GILWAY-1728 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
Weidmuller
1728000000 WEIDMULLER-1728000000 Datasheet
97Kb / 4P
S2L 3.5/8/90G 3.5SN SW
1728000000 WEIDMULLER-1728000000 Datasheet
97Kb / 4P
PCB connection systems
1728000000 WEIDMULLER-1728000000 Datasheet
97Kb / 4P
S2L 3.5/14/90G 3.5AU SW
1728000000 WEIDMULLER-1728000000 Datasheet
97Kb / 4P
S2L 3.5/12/90G 3.5AU OR
More results


Similar Description - 1728

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com