Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

132 Datasheet (PDF) - Vishay Siliconix

132 Datasheet PDF - Vishay Siliconix
Part # 132
Download  132 Download
File Size   76.72 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 5/16" (33.3 mm) Low Cost Industrial Single Turn Wirewound, Bushing Mount Type Potentiometer

132 Datasheet (PDF)

Go To PDF Page Download Datasheet
132 Datasheet PDF - Vishay Siliconix

Part # 132
Download  132 Click to download

File Size   76.72 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 5/16" (33.3 mm) Low Cost Industrial Single Turn Wirewound, Bushing Mount Type Potentiometer

132 Datasheet (HTML) - Vishay Siliconix


132 Product details

FEATURES
• Suitable model for all industrial applications
• Center tap available
• Continuous rotation and mechanical stops
both standard
• Large electrical angle: 352° ± 2°
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912




Similar Part No. - 132

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
132 COILCRAFT-132 Datasheet
90Kb / 1P
Fixed RF Inductors
logo
Vishay Siliconix
132 VISHAY-132 Datasheet
75Kb / 3P
1 5/16"(33.3mm) Low Cost Indeustrial Single Turn Wirewound, Bushing Mount Type Potentiometer
12-Apr-13
logo
List of Unclassifed Man...
132 ETC2-132 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Keystone Electronics Co...
132 KEYSTONE-132 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
logo
CEE Norm UK Ltd
132 CEENORM-132 Datasheet
1Mb / 4P
Socket Outlets
More results


Similar Description - 132

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL100 VISHAY-MODEL100 Datasheet
289Kb / 4P
1 5/16 (33.3 mm) Single Turn Wirewound Precision Potentiometer
28-Jun-07
MODEL139 VISHAY-MODEL139 Datasheet
260Kb / 3P
1 5/16 (33.3 mm) Industrial Single Turn Cermet Bushing Mount Model
28-May-07
MODEL140 VISHAY-MODEL140 Datasheet
226Kb / 3P
1/2 (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
28-Jun-07
132 VISHAY-132 Datasheet
75Kb / 3P
1 5/16"(33.3mm) Low Cost Indeustrial Single Turn Wirewound, Bushing Mount Type Potentiometer
12-Apr-13
140 VISHAY-140 Datasheet
90Kb / 3P
1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
08-Apr-13
830 VISHAY-830 Datasheet
322Kb / 4P
1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
100 VISHAY-100 Datasheet
343Kb / 4P
1 5/16" (33.3 mm) Single Turn Wirewound Precision PotentiometerS
26-Mar-15
138 VISHAY-138 Datasheet
76Kb / 3P
1 5/16" (33.3 mm) Industrial Single Turn, Bushing Mount, Conductive Plastic Potentiometer
29-Nov-17
140 VISHAY-140_V01 Datasheet
100Kb / 3P
1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
27-Sep-2018
860 VISHAY-860_V01 Datasheet
83Kb / 4P
(46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
10-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com