Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

164 Datasheet (PDF) - Vishay Siliconix

164 Datasheet PDF - Vishay Siliconix
Part # 164
Download  164 Download
File Size   261.82 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1/2" (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer

164 Datasheet (PDF)

Go To PDF Page Download Datasheet
164 Datasheet PDF - Vishay Siliconix

Part # 164
Download  164 Click to download

File Size   261.82 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1/2" (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer

164 Datasheet (HTML) - Vishay Siliconix


164 Product details

FEATURES
• Large range of ohmic values: 100  to 100 k
• Smallest size available on the market
• Very easy and accurate adjustment
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 164

ManufacturerPart #DatasheetDescription
logo
Amphenol PCD, Inc
164 AMPHENOLPCD-164 Datasheet
1Mb / 32P
WATERPROOF AUDIO CONNECTORS
logo
Toshiba Semiconductor
164-003K TOSHIBA-164-003K Datasheet
852Kb / 26P
PROJECTION TV
2004
logo
Coilcraft lnc.
164-01A06L COILCRAFT-164-01A06L Datasheet
276Kb / 3P
5 mm Tunable Inductor
164-01A06L COILCRAFT-164-01A06L Datasheet
239Kb / 3P
5 mm Tunable Inductor ??1 64, 165 Series
164-01A06L COILCRAFT-164-01A06L_13 Datasheet
239Kb / 3P
5 mm Tunable Inductor ??1 64, 165 Series
More results


Similar Description - 164

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL140 VISHAY-MODEL140 Datasheet
226Kb / 3P
1/2 (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
28-Jun-07
MODEL142 VISHAY-MODEL142 Datasheet
210Kb / 3P
1/2 (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision Potentiometer
28-Jun-07
MODEL162 VISHAY-MODEL162 Datasheet
225Kb / 3P
1/2 (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
18-Jun-07
MODEL164 VISHAY-MODEL164 Datasheet
213Kb / 3P
1/2 (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
05-Jul-07
140 VISHAY-140 Datasheet
90Kb / 3P
1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
08-Apr-13
140 VISHAY-140_V01 Datasheet
100Kb / 3P
1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
27-Sep-2018
142 VISHAY-142 Datasheet
85Kb / 3P
1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
08-Dec-17
162 VISHAY-162 Datasheet
90Kb / 4P
1/2" (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
22-Nov-16
802 VISHAY-802 Datasheet
321Kb / 4P
(46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
860 VISHAY-860_V01 Datasheet
83Kb / 4P
(46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
10-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com