Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

302 Datasheet (PDF) - Vishay Siliconix

302 Datasheet PDF - Vishay Siliconix
Part # 302
Download  302 Download
File Size   99.16 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2" (50.8 mm) Single Turn Wirewound Precision Potentiometer

302 Datasheet (PDF)

Go To PDF Page Download Datasheet
302 Datasheet PDF - Vishay Siliconix

Part # 302
Download  302 Click to download

File Size   99.16 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2" (50.8 mm) Single Turn Wirewound Precision Potentiometer

302 Datasheet (HTML) - Vishay Siliconix


302 Product details

FEATURES
• Screw, servo and bushing mount types
available
• Large range of ohmic values: 5  to 85 k
• Extra taps upon request
• Gangable up to 6 sections on a same shaft
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 302

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
302 DBLECTRO-302 Datasheet
326Kb / 1P
SCREW TYPE SERIES
logo
List of Unclassifed Man...
302 ETC2-302 Datasheet
98Kb / 1P
Indicates Phase Presence
logo
Vishay Siliconix
302 VISHAY-302 Datasheet
101Kb / 4P
2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
22-Nov-16
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
logo
France Joint
302 FRANCEJOINT-302 Datasheet
351Kb / 2P
PISTON/ROD SEALS
More results


Similar Description - 302

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
2 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
19-Jun-07
MODEL302 VISHAY-MODEL302 Datasheet
255Kb / 4P
2 (50.8 mm) Single Turn Wirewound recision Potentiometer
28-Jun-07
MODEL308 VISHAY-MODEL308 Datasheet
261Kb / 4P
2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
22-Mar-07
MODEL402 VISHAY-MODEL402 Datasheet
273Kb / 4P
3 (76.2 mm) Single Turn Wirewound Precision Potentiometer
15-Jun-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
302 VISHAY-302 Datasheet
101Kb / 4P
2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
22-Nov-16
152 VISHAY-152 Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
308 VISHAY-308 Datasheet
350Kb / 4P
2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
702 VISHAY-702 Datasheet
103Kb / 4P
(22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
29-Nov-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com