Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34THE Datasheet (PDF) - Vishay Siliconix

34THE Datasheet PDF - Vishay Siliconix
Part # 34THE
Download  34THE Download
File Size   230.65 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)

34THE Datasheet (PDF)

Go To PDF Page Download Datasheet
34THE Datasheet PDF - Vishay Siliconix

Part # 34THE
Download  34THE Click to download

File Size   230.65 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)

34THE Datasheet (HTML) - Vishay Siliconix


34THE Product details

FEATURES
• All electrical angles available up to: 3600°
• Accurate linearity down to: ± 0.5 %
• Very long life: 50M cycles for servo, 10M cycles
for bushing
• Non contacting technology: Hall effect; true power on
sensor
• Model dedicated to applications requiring long life
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 34THE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
34THE VISHAY-34THE Datasheet
232Kb / 7P
Ten Turns Servo or Bushing Mount Hall Effect
25-Jul-12
34THE VISHAY-34THE_15 Datasheet
221Kb / 7P
Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
25-Jul-12
More results


Similar Description - 34THE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL351HE VISHAY-MODEL351HE Datasheet
270Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
15-Nov-07
631HE VISHAY-631HE Datasheet
106Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
12-Apr-10
34THE VISHAY-34THE_15 Datasheet
221Kb / 7P
Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
25-Jul-12
151HE VISHAY-151HE_15 Datasheet
371Kb / 5P
Industrial Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)
27-Mar-15
351HE VISHAY-351HE_15 Datasheet
368Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
27-Mar-15
631HE VISHAY-631HE_15 Datasheet
359Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
27-Mar-15
34THE VISHAY-34THE Datasheet
232Kb / 7P
Ten Turns Servo or Bushing Mount Hall Effect
25-Jul-12
351HE VISHAY-351HE Datasheet
378Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
27-Mar-15
151HE VISHAY-151HE Datasheet
379Kb / 5P
Industrial Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)
27-Mar-15
631HE VISHAY-631HE_V01 Datasheet
101Kb / 5P
Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
28-May-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com