Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXGD10402 Datasheet (PDF) - Littelfuse

AXGD10402 Datasheet PDF - Littelfuse
Part # AXGD10402
Download  AXGD10402 Download
File Size   1181.09 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Surface Mount Polymeric Electrostatic Discharge Suppressors

AXGD10402 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXGD10402 Datasheet PDF - Littelfuse

Part # AXGD10402
Download  AXGD10402 Click to download

File Size   1181.09 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Surface Mount Polymeric Electrostatic Discharge Suppressors

AXGD10402 Datasheet (HTML) - Littelfuse


AXGD10402 Product details

Description
XTREME-GUARDTM ESD Suppressors protect sensitive
electronic equipment against extreme ESD conditions, in
very small 0402 and 0603 footprints. This product series is
specifically designed to suppress fast-rising ESD transients
up to 30kV while adding virtually no capacitance to the
circuit, which helps preserve signal integrity and minimize
data loss. It is RoHS compliant, halogen free and Pb free
ESD Suppressor.

Features
• AEC-Q200 Qualified
• High ESD Rating up to
30kV Contact/Air
Discharge
• RoHS compliant, lead-free
and halogen-free
• Ultra-low capacitance
• Low leakage current
• Fast response time
• Bi-directional
• Withstands multiple
ESD strikes
• Compatible with
pick-and-place processes
• Available in 1000, 5000,
and 10000 piece reels
(EIA-RS481)
• High rated voltage up to
32V maximum
• High operating
temperature at 125ºC

Applications
• Infotainment
• High Speed Interface
• High Frequency (i.e. RF,
Antenna System, Ethernet,
USB, DVI, LVDS)
• Satellite Navigation
• GPS Tracker
• Car TV
• Telematics Box
• IVN (In Vehicle
Navigation)
• Portable Navigation




Similar Part No. - AXGD10402

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
Automation Controls Catalog
AXG110144 PANASONIC-AXG110144 Datasheet
510Kb / 13P
Automation Controls Catalog
AXG112144 PANASONIC-AXG112144 Datasheet
510Kb / 13P
Automation Controls Catalog
AXG112224 PANASONIC-AXG112224 Datasheet
510Kb / 13P
Automation Controls Catalog
AXG116144 PANASONIC-AXG116144 Datasheet
510Kb / 13P
Automation Controls Catalog
More results


Similar Description - AXGD10402

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB102ST23WR LITTELFUSE-PGB102ST23WR Datasheet
164Kb / 2P
PulseGuard Suppressors - Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
699Kb / 4P
Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
Surface Mount Polymeric ESD Suppressors
PGB2010402KRHF LITTELFUSE-PGB2010402KRHF Datasheet
556Kb / 5P
Surface Mount Polymeric ESD Suppressors
PGB1010603MRHF LITTELFUSE-PGB1010603MRHF Datasheet
239Kb / 4P
PulseGuard짰 Suppressors Surface Mount Polymeric ESD Suppressors
XGD10603NR LITTELFUSE-XGD10603NR Datasheet
1Mb / 4P
Surface Mount Polymeric Electrostatic Discharge Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
Surface Mount Polymeric ESD Suppressor
logo
Shanghai Leiditech Elec...
PESD2510AV12 LEIDITECH-PESD2510AV12 Datasheet
1Mb / 8P
Surface Mount Polymeric ESD Suppressor
logo
Littelfuse
XGD10402 LITTELFUSE-XGD10402 Datasheet
1Mb / 4P
Surface Mount Polymeric Electrostatic Discharge Suppressors
2020 Littelfuse, Inc
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com