Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08098771 Datasheet (PDF) - Littelfuse

08098771 Datasheet PDF - Littelfuse
Part # 08098771
Download  08098771 Download
File Size   159.88 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH

08098771 Datasheet (PDF)

Go To PDF Page Download Datasheet
08098771 Datasheet PDF - Littelfuse

Part # 08098771
Download  08098771 Click to download

File Size   159.88 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH

08098771 Datasheet (HTML) - Littelfuse


08098771 Product details

Description
Ideal for low-amp, low-voltage applications in off-road
and construction vehicles and agricultural and marine
equipment, the LAS Series 24V Compact SPST Manual
Battery Disconnect Switch is available with M8 studs and
a 100A continuous current rating or M10 studs and a 150A
continuous current rating.
This battery disconnect switch features a compact design
with pass-through mounting for installation where space is
limited.
The removable, red handle is easy to see and helps ensure
safe operation of the compact battery switch by authorized
personnel. Select models come with a rubber cap that
provides protection when the actuator is removed.

Applications
• Off-Road Vehicles
• Agricultural
• Construction
• Heavy-Duty Trucks
• Marine

Features and Benefits
• 24V low-voltage disconnect switch with single-pole, singlethrow
(SPST) circuitry
• Available with 100A (M8 studs) or 150A (M10 studs)
continuous current rating to match your low-amp application
• Compact design enables pass-through installation in
equipment and vehicles with limited space
• Removable, red handle is highly visible and helps ensure
safe operation
• Rubber cap on select models protects the battery cutoff
switch when the handle is removed
• Weatherproof to IP43 standards




Similar Part No. - 08098771

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08098700 LITTELFUSE-08098700 Datasheet
405Kb / 2P
08098700 is Standard Compact Manual Battery Disconnect Switch that features a removable handle with a plastic body
08098768 LITTELFUSE-08098768 Datasheet
405Kb / 2P
08098700 is Standard Compact Manual Battery Disconnect Switch that features a removable handle with a plastic body
08098780 LITTELFUSE-08098780 Datasheet
405Kb / 2P
08098700 is Standard Compact Manual Battery Disconnect Switch that features a removable handle with a plastic body
More results


Similar Description - 08098771

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4720CY VISHAY-SI4720CY Datasheet
72Kb / 8P
Battery Disconnect Switch
21-Jul-97
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
Battery Disconnect Switch
19-Apr-04
SI4719CY VISHAY-SI4719CY Datasheet
80Kb / 8P
Battery Disconnect Switch
31-Aug-98
SI4710CY VISHAY-SI4710CY Datasheet
78Kb / 9P
Battery Disconnect Switch
20-Dec-98
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
Battery Disconnect Switch
05-Apr-99
SI4720 VISHAY-SI4720 Datasheet
123Kb / 10P
Battery Disconnect Switch
13-Jun-11
SI9717CY VISHAY-SI9717CY Datasheet
86Kb / 3P
Battery Disconnect Switch
05-Apr-99
logo
Cooper Bussmann, Inc.
15968 COOPER-15968 Datasheet
68Kb / 1P
Battery Disconnect Switch
logo
Littelfuse
08098700 LITTELFUSE-08098700 Datasheet
405Kb / 2P
08098700 is Standard Compact Manual Battery Disconnect Switch that features a removable handle with a plastic body
logo
Vishay Siliconix
SI4720 VISHAY-SI4720_V01 Datasheet
113Kb / 10P
Battery Disconnect Switch
13-Jun-11
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com