Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D6V3H1U2LPQ Datasheet (PDF) - Diodes Incorporated

D6V3H1U2LPQ Datasheet PDF - Diodes Incorporated
Part # D6V3H1U2LPQ
Download  D6V3H1U2LPQ Download
File Size   427.78 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1 CHANNEL UNIDIRECTIONAL TVS

D6V3H1U2LPQ Datasheet (PDF)

Go To PDF Page Download Datasheet
D6V3H1U2LPQ Datasheet PDF - Diodes Incorporated

Part # D6V3H1U2LPQ
Download  D6V3H1U2LPQ Click to download

File Size   427.78 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1 CHANNEL UNIDIRECTIONAL TVS

D6V3H1U2LPQ Datasheet (HTML) - Diodes Incorporated


D6V3H1U2LPQ Product details

Features
- Low Profile Package (0.53mm Max) and Ultra-Small PCB Footprint
Area (1.08mm*0.68mm Max) Suitable for Compact Portable
Electronics
- Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
- 1 Channel of ESD Protection
- Low Channel Input Capacitance
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The DIODES™ D6V3H1U2LPQ is suitable for automotive
applications requiring specific change control; this part is
AEC-Q101 qualified, PPAP capable, and manufactured in IATF
16949 certified facilities.

Applications
- Cellular handsets
- Portable electronics
- Computers and peripherals




Similar Part No. - D6V3H1U2LPQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D6V3H1U2LP DIODES-D6V3H1U2LP Datasheet
310Kb / 4P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
D6V3H1U2LP16 DIODES-D6V3H1U2LP16 Datasheet
314Kb / 4P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D6V3H1U2LP16-7 DIODES-D6V3H1U2LP16-7 Datasheet
314Kb / 4P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D6V3H1U2LP4 DIODES-D6V3H1U2LP4 Datasheet
194Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
October 2018 Rev. 1 - 2
D6V3H1U2LP4-7B DIODES-D6V3H1U2LP4-7B Datasheet
194Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
October 2018 Rev. 1 - 2
More results


Similar Description - D6V3H1U2LPQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D12V0H1U2LP DIODES-D12V0H1U2LP Datasheet
306Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 2
D12V0H1U2WS DIODES-D12V0H1U2WS Datasheet
187Kb / 4P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
D15V0H1U2LP DIODES-D15V0H1U2LP Datasheet
371Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
D6V3E1U2LP DIODES-D6V3E1U2LP Datasheet
194Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
D7V0H1U2LP DIODES-D7V0H1U2LP Datasheet
294Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
D5V0S1U2WS DIODES-D5V0S1U2WS Datasheet
320Kb / 4P
1 CHANNEL UNIDIRECTIONAL TVS
December 2015
D6V3H1U2LP4 DIODES-D6V3H1U2LP4 Datasheet
194Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
October 2018 Rev. 1 - 2
D6V3M1U2LP3 DIODES-D6V3M1U2LP3 Datasheet
411Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
June 2021 Rev. 1 - 2
D12V0H1U2WSQ DIODES-D12V0H1U2WSQ Datasheet
349Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
August 2020 Rev. 1 - 2
D12V0HA1U2LPQ DIODES-D12V0HA1U2LPQ Datasheet
393Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
November 2022 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com