Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1000 Datasheet (PDF) - Mimix Broadband

XP1000 Datasheet PDF - Mimix Broadband
Part # XP1000
Download  XP1000 Download
File Size   995.04 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 17.0-24.0 GHz GaAs MMIC Power Amplifier

XP1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
XP1000 Datasheet PDF - Mimix Broadband

Part # XP1000
Download  XP1000 Click to download

File Size   995.04 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 17.0-24.0 GHz GaAs MMIC Power Amplifier

XP1000 Datasheet (HTML) - Mimix Broadband


XP1000 Product details

General Description
Mimix Broadband’s two stage 17.0-24.0 GHz GaAs MMIC power amplifier is optimized for linear operation with a third order intercept point of +36.0 dBm. The device also includes Lange couplers to achieve good input/output return loss and an on-chip temperature compensated output power detector. This MMIC uses Mimix Broadband’s 0.15 µm GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.

Features
• High Linearity Output Amplifier
• Balanced Design Provides Good Input/Output Match
• On-Chip Temperature Compensated
• Output Power Detector
• 19.0 dB Small Signal Gain
• +36.0 dBm Third Order Intercept (OIP3)
• 100% On-Wafer RF, DC and Output Power Testing
• 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - XP1000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1001 MIMIX-XP1001 Datasheet
248Kb / 6P
26.0-40.0 GHz GaAs MMIC Power Amplifier
logo
LANTRONIX, INC.
XP1001000-05R LANTRONIX-XP1001000-05R Datasheet
188Kb / 5P
XPort® Embedded Device Server Data Sheet
XP1001001-03R LANTRONIX-XP1001001-03R Datasheet
188Kb / 5P
XPort® Embedded Device Server Data Sheet
XP10010NMK-01 LANTRONIX-XP10010NMK-01 Datasheet
188Kb / 5P
XPort® Embedded Device Server Data Sheet
XP1002000-05R LANTRONIX-XP1002000-05R Datasheet
188Kb / 5P
XPort® Embedded Device Server Data Sheet
More results


Similar Description - XP1000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
18MPA0567 MIMIX-18MPA0567 Datasheet
133Kb / 7P
17.0-22.0 GHz GaAs MMIC Power Amplifier
28MPA0304 MIMIX-28MPA0304 Datasheet
345Kb / 6P
24.0-34.0 GHz GaAs MMIC Power Amplifier
XP1009 MIMIX-XP1009 Datasheet
145Kb / 6P
17.0-21.0 GHz GaAs MMIC Power Amplifier
XP1010 MIMIX-XP1010 Datasheet
170Kb / 7P
21.0-24.0 GHz GaAs MMIC Power Amplifier
XP1013 MIMIX-XP1013 Datasheet
1Mb / 7P
17.0-26.0 GHz GaAs MMIC Power Amplifier
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1021-BD MIMIX-XP1021-BD Datasheet
245Kb / 7P
17.0-22.0 GHz GaAs MMIC Power Amplifier
XP1023-BD MIMIX-XP1023-BD Datasheet
274Kb / 6P
24.0-34.0 GHz GaAs MMIC Power Amplifier
XP1019-BD MIMIX-XP1019-BD_08 Datasheet
292Kb / 8P
17.0-24.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
17.0-24.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com