Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

605915C Datasheet (PDF) - Alpha Wire

605915C Datasheet PDF - Alpha Wire
Part # 605915C
Download  605915C Download
File Size   98.68 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

605915C Datasheet (PDF)

Go To PDF Page Download Datasheet
605915C Datasheet PDF - Alpha Wire

Part # 605915C
Download  605915C Click to download

File Size   98.68 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

605915C Datasheet (HTML) - Alpha Wire


605915C Product details

Construction
Diameters (In)
1) Component 1 15 X 1 PAIR
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.016" Wall, Nom. PVC 0.062
(1) Color Code Alpha Wire Color Code A
Pair Color Pair Color Pair Color
1 BLACK-RED 6 BLACK-YELLOW 11 RED-YELLOW
2 BLACK-WHITE 7
BLACKORANGE
12 RED-BROWN
3 BLACK-GREEN 8 RED-GREEN 13 RED-ORANGE
4 BLACK-BLUE 9 RED-WHITE 14 GREEN-BLUE
5 BLACK-BROWN 10 RED-BLUE 15 GREEN-WHITE
c) Pair 2/Cond Cabled Together
(1) Twists: 6.9 Twists/foot (min)
Individually Applied:
d) Shield:
Foil Free Alum/Mylar Tape, 25%
Overlap, Min.
(1) Foil Direction Foil Facing In
(2) Drain Wire 22 (7/30) AWG Tinned Copper
2) Cable Assembly 15 Components Cabled
a) Twists: 1.5 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 25% Overlap, Min.
3) Jacket 0.053" Wall, Nom.,PVC 0.644 (0.672 Max.)
a) Color(s) SLATE
b) Print ALPHA WIRE-* P/N 6059/15C 15PR 22 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2464 OR C(UL)
75C TYPE CMG FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 605915C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
605911C ALPHAWIRE-605911C Datasheet
99Kb / 4P
Customer Specification
8/29/2022
605911C ALPHAWIRE-605911C Datasheet
98Kb / 4P
Customer Specification
12/1/2022
605911C ALPHAWIRE-605911C_V01 Datasheet
98Kb / 4P
Customer Specification
12/1/2022
logo
SICK AG
6059178 SICK-6059178 Datasheet
230Kb / 4P
Plug connectors cables
6059179 SICK-6059179 Datasheet
230Kb / 4P
Plug connectors cables
More results


Similar Description - 605915C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com