Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

657 Datasheet (PDF) - Vishay Siliconix

657 Datasheet PDF - Vishay Siliconix
Part # 657_V01
Download  657 Download
File Size   226.66 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Industrial Rotary Position Sensor Bushing Mount Type, Conductive Plastic

657 Datasheet (PDF)

Go To PDF Page Download Datasheet
657 Datasheet PDF - Vishay Siliconix

Part # 657_V01
Download  657 Click to download

File Size   226.66 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Industrial Rotary Position Sensor Bushing Mount Type, Conductive Plastic

657 Datasheet (HTML) - Vishay Siliconix


657 Product details

FEATURES
• Fully sealed for high immunity to environmental damage
• Excellent temperature stability
• Rotational life exceeds 2 million revolutions
• Low cost and wide range of options
• Stainless steel shaft
• Shock to 30 g vibration to 15 g at 10 Hz to 2000 Hz




Similar Part No. - 657_V01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
657-072 GLENAIR-657-072 Datasheet
188Kb / 1P
Dummy Receptacle for 801 Connectors
657-072C10 GLENAIR-657-072C10 Datasheet
188Kb / 1P
Dummy Receptacle for 801 Connectors
657-072C11 GLENAIR-657-072C11 Datasheet
188Kb / 1P
Dummy Receptacle for 801 Connectors
657-072C13 GLENAIR-657-072C13 Datasheet
188Kb / 1P
Dummy Receptacle for 801 Connectors
657-072C16 GLENAIR-657-072C16 Datasheet
188Kb / 1P
Dummy Receptacle for 801 Connectors
More results


Similar Description - 657_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL357 VISHAY-MODEL357 Datasheet
256Kb / 3P
7/8 (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
15-Nov-07
MODEL657 VISHAY-MODEL657 Datasheet
199Kb / 3P
Industrial Rotary Position Sensor Bushing Mount Type, Conductive Plastic
18-Jun-07
logo
CTS Corporation
282T33L502A25A2 CTS-282T33L502A25A2 Datasheet
525Kb / 4P
Industrial 16mm Size Conductive Plastic Precision Rotary Sensor
logo
Bi technologies
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
logo
CTS Corporation
282TAAR103A25B1 CTS-282TAAR103A25B1 Datasheet
574Kb / 4P
Industrial 16mm size Conductive Plastic Precision Rotary Sensor
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
Rotary Position Sensor
logo
Vishay Siliconix
MODEL357 VISHAY-MODEL357_V01 Datasheet
100Kb / 4P
7/8" (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
18-Oct-2021
138 VISHAY-138 Datasheet
76Kb / 3P
1 5/16" (33.3 mm) Industrial Single Turn, Bushing Mount, Conductive Plastic Potentiometer
29-Nov-17
357 VISHAY-357_V01 Datasheet
99Kb / 4P
(22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
18-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com