Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KITLMF Datasheet (PDF) - Vishay Siliconix

KITLMF Datasheet PDF - Vishay Siliconix
Part # KITLMF_V01
Download  KITLMF Download
File Size   200.96 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Conductive Plastic Motion Transducer Elements (KIT), Up to 1000 mm

KITLMF Datasheet (PDF)

Go To PDF Page Download Datasheet
KITLMF Datasheet PDF - Vishay Siliconix

Part # KITLMF_V01
Download  KITLMF Click to download

File Size   200.96 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Conductive Plastic Motion Transducer Elements (KIT), Up to 1000 mm

KITLMF Datasheet (HTML) - Vishay Siliconix


KITLMF Product details

FEATURES
• Measurement range 25 mm to 1000 mm
• High accuracy ± 1 % down to ± 0.025 %
• Good repeatability
• Simple and flexible mounting
• Essentially infinite resolution
Made in two separate parts:
- the sensing element
- the wiper
Special designs available on request
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - KITLMF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KITLMF3A103W VISHAY-KITLMF3A103W Datasheet
394Kb / 3P
Conductive Plastic Motion Transducer Elements (KIT), up to 1000 mm
26-Mar-15
KITLMF3D103W VISHAY-KITLMF3D103W Datasheet
394Kb / 3P
Conductive Plastic Motion Transducer Elements (KIT), up to 1000 mm
26-Mar-15
KITLMF3E103W VISHAY-KITLMF3E103W Datasheet
394Kb / 3P
Conductive Plastic Motion Transducer Elements (KIT), up to 1000 mm
26-Mar-15
KITLMF3F103W VISHAY-KITLMF3F103W Datasheet
394Kb / 3P
Conductive Plastic Motion Transducer Elements (KIT), up to 1000 mm
26-Mar-15
More results


Similar Description - KITLMF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KITRMF VISHAY-KITRMF Datasheet
186Kb / 3P
Conductive Plastic Rotative Transducer Elements (KIT)
01-Feb-08
KITLMF VISHAY-KITLMF Datasheet
394Kb / 3P
Conductive Plastic Motion Transducer Elements (KIT), up to 1000 mm
26-Mar-15
KITRMF VISHAY-KITRMF_15 Datasheet
205Kb / 3P
Conductive Plastic Rotative Transducer Elements (KIT)
26-Mar-15
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
20-Jul-17
KITRMF VISHAY-KITRMF_V01 Datasheet
202Kb / 3P
Conductive Plastic Rotative Transducer Elements (KIT)
26-Mar-15
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L_V01 Datasheet
115Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mms
18-Feb-2019
REC34L VISHAY-REC34L_V01 Datasheet
394Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC38L VISHAY-REC38L_V01 Datasheet
71Kb / 3P
Precision Linear Transducers, Conductive Plastic, Up to 150 mm
19-Mar-2021
REC50L VISHAY-REC50L_V01 Datasheet
86Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com