Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCACAP Datasheet (PDF) - Vishay Siliconix

NTCACAP Datasheet PDF - Vishay Siliconix
Part # NTCACAP_V01
Download  NTCACAP Download
File Size   102.26 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Refrigerator Sensors

NTCACAP Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCACAP Datasheet PDF - Vishay Siliconix

Part # NTCACAP_V01
Download  NTCACAP Click to download

File Size   102.26 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Refrigerator Sensors

NTCACAP Datasheet (HTML) - Vishay Siliconix


NTCACAP Product details

FEATURES
• Key component for temperature sensing and
electronic control
• Accurate Vishay NTC chips, enabling class A to
class A+++ refrigerator grades
• Sensor design following class II insulation
(principal + supplementary insulation for the
sensor head)
• High adhesive strength between PVC wire and
encapsulating lacquer
• Specifically developed design allows for a very good
water, moisture and ice resistance: 6000 h in water
immersion under voltage
• Suitable for evaporator temperature measurement. Very
high number of thermal cycles resistant: 100 000 cycles
• The cables jackets are suitable for back-panel
polyurethane foaming process (max. 100 °C, 5 min)
• The plastic is not FDA grade
• UL recognized types (file E148885)
• The sensors are also available with single insulated
cables, and with PVC-free cable
• Mounting: assembly
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
Temperature measurement, sensing and control:
• White goods
• Refrigerators
• Freezers, deep-freezers
• Ice cube makers
• Counter drinks coolers
• Backbar and catering coolers
• Display fridges
• Wine coolers




Similar Part No. - NTCACAP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCACAPE3C90065 VISHAY-NTCACAPE3C90065 Datasheet
104Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCACAPE3C90066 VISHAY-NTCACAPE3C90066 Datasheet
104Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCACAPE3C90125 VISHAY-NTCACAPE3C90125 Datasheet
104Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCACAPE3C90144 VISHAY-NTCACAPE3C90144 Datasheet
104Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCACAPE3C90191 VISHAY-NTCACAPE3C90191 Datasheet
104Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
More results


Similar Description - NTCACAP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226333 VISHAY-23226333 Datasheet
81Kb / 6P
NTC Thermistors, High Temperature Sensors
10-Oct-03
232264073222 VISHAY-232264073222 Datasheet
62Kb / 1P
NTC Thermistors, Screw Threaded Sensors
10-Oct-03
232264090042 VISHAY-232264090042 Datasheet
50Kb / 2P
NTC Thermistors, Steel Capped Sensors
10-Oct-03
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
NTC Thermistors, Mini Lug Sensors
16-Sep-10
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
NTC Thermistors, Mini Lug Sensors
12-Apr-11
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
NTCACAP VISHAY-NTCACAP Datasheet
104Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406 Datasheet
89Kb / 3P
NTC Thermistors, Ice Cube Sensors
09-May-11
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors
12-Oct-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com