Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJL9424 Datasheet (PDF) - Pan Jit International Inc.

PJL9424 Datasheet PDF - Pan Jit International Inc.
Part # PJL9424
Download  PJL9424 Download
File Size   711.3 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 40V N-Channel Enhancement Mode MOSFET

PJL9424 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJL9424 Datasheet PDF - Pan Jit International Inc.

Part # PJL9424
Download  PJL9424 Click to download

File Size   711.3 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 40V N-Channel Enhancement Mode MOSFET

PJL9424 Datasheet (HTML) - Pan Jit International Inc.


PJL9424 Product details

Features
 RDS(ON), VGS@10V, ID@8A<9.5mΩ
 RDS(ON), VGS@4.5V, ID@4A<14mΩ
 High switching speed
 Improved dv/dt capability
 Low Gate Charge
 Low reverse transfer capacitance
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case: SOP-8 package
 Terminals: Solderable per MIL-STD-750, Method 2026
 Approx. Weight: 0.0029 ounces, 0.083 grams




Similar Part No. - PJL9424

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJL9420 PANJIT-PJL9420 Datasheet
736Kb / 6P
40V N-Channel Enhancement Mode MOSFET
November 16,2017-REV.00
PJL9420_R2_00001 PANJIT-PJL9420_R2_00001 Datasheet
736Kb / 6P
40V N-Channel Enhancement Mode MOSFET
November 16,2017-REV.00
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJL9421_R2_00001 PANJIT-PJL9421_R2_00001 Datasheet
605Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJL9422 PANJIT-PJL9422 Datasheet
550Kb / 6P
40V N-Channel Enhancement Mode MOSFET
October 13,2017-REV.00
More results


Similar Description - PJL9424

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com