Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJL9804 Datasheet (PDF) - Pan Jit International Inc.

PJL9804 Datasheet PDF - Pan Jit International Inc.
Part # PJL9804
Download  PJL9804 Download
File Size   351.75 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 30V Dual N-Channel Enhancement Mode MOSFET

PJL9804 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJL9804 Datasheet PDF - Pan Jit International Inc.

Part # PJL9804
Download  PJL9804 Click to download

File Size   351.75 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 30V Dual N-Channel Enhancement Mode MOSFET

PJL9804 Datasheet (HTML) - Pan Jit International Inc.


PJL9804 Product details

Features
 RDS(ON), VGS@10V,ID@6A<28mΩ
 RDS(ON), VGS@4.5V,ID@4A<43mΩ
 High switching speed
 Improved dv/dt capability
 Low Gate Charge
 Low reverse transfer capacitance
 Lead free in compliance with EU RoHS2.0 (2011/65/EU &
2015/865/EU directive)
 Green molding compound as per IEC61249 Std..
(Halogen Free)
Mechanical Data
 Case: SOP-8 package
 Terminals: Solderable per MIL-STD-750, Method 2026
 Approx. Weight: 0.0029 ounces, 0.083 grams




Similar Part No. - PJL9804

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJL9801 PANJIT-PJL9801 Datasheet
285Kb / 6P
30V P-Channel Enhancement Mode MOSFET
PJL9802 PANJIT-PJL9802 Datasheet
566Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
November 18,2016-REV.00
PJL9802_R2_00001 PANJIT-PJL9802_R2_00001 Datasheet
566Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
November 18,2016-REV.00
PJL9807 PANJIT-PJL9807 Datasheet
533Kb / 6P
30V Dual P-Channel Enhancement Mode MOSFET
September 28,2018-REV.01
PJL9807_R2_00001 PANJIT-PJL9807_R2_00001 Datasheet
533Kb / 6P
30V Dual P-Channel Enhancement Mode MOSFET
September 28,2018-REV.01
More results


Similar Description - PJL9804

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63N03X ZETEX-ZXMD63N03X Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A04DN8 ZETEX-ZXMN3A04DN8 Datasheet
56Kb / 4P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A04DN8 DIODES-ZXMN3A04DN8 Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2002
ZXMN3A06DN8 DIODES-ZXMN3A06DN8 Datasheet
192Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2002
ZXMN3AM832 DIODES-ZXMN3AM832 Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
DMN3035LWN DIODES-DMN3035LWN_15 Datasheet
596Kb / 7P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN3135LVT DIODES-DMN3135LVT_15 Datasheet
190Kb / 6P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
DMN3015LSD DIODES-DMN3015LSD_15 Datasheet
291Kb / 6P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN3016LDV DIODES-DMN3016LDV Datasheet
423Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJL9808 PANJIT-PJL9808 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com